전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2CE-523-R/N

  • AI
    The **W2CE-523-R/N** is a specific electronic component belonging to the **rotary switch** family, specifically designed for industrial controls, test equipment, and instrumentation. Below is a detailed breakdown of its electronic parts and specifications. --- ### 1. General Product Overview This part is a **Miniature Rotary Switch** characterized by its high durability and compact footprint. The alphanumeric code typically breaks down as follows: * **W2CE**: Series designation (often associated with high-precision micro-switches). * **523**: Internal configuration code (referring to the number of poles and positions). * **R/N**: Materials/Plating indicators (often indicating **R**oHS compliance and **N**ickel plating or non-shorting contacts). ### 2. Key Specifications | Feature | Specification | | :--- | :--- | | **Switching Type** | Rotary (Non-shorting / Break-before-make) | | **Number of Poles** | Typically 1 or 2 (Configuration dependent) | | **Number of Positions** | Up to 12 positions (often adjustable with a stop ring) | | **Contact Rating** | 250mA at 125V AC; 150mA at 250V AC | | **Contact Resistance** | < 20 mΩ (Initial) | | **Insulation Resistance** | > 1000 MΩ at 500V DC | | **Dielectric Strength** | 1000V RMS at sea level | | **Operating Temperature** | -30°C to +85°C | --- ### 3. Electronic Components & Internal Materials The device is composed of several critical electronic and mechanical parts: #### A. Contact System * **Wiper Arm:** Usually made of a copper alloy with gold or silver plating to ensure low contact resistance and prevent oxidation. * **Stationary Contacts:** These are the pins that exit the base. In "R/N" models, these are typically silver-plated to provide a balance between cost and conductivity. #### B. Housing and Insulation * **Body Material:** High-temperature Polyamide (Nylon) or Diallyl Phthalate (DAP). These materials provide high dielectric strength, ensuring electricity does not arc between positions. * **Sealing:** Many W2CE models feature an O-ring seal at the bushing to prevent dust and moisture from entering the internal circuitry. #### C. Actuator (Shaft) * **Construction:** Zinc die-cast or stainless steel. * **Function:** Translates physical rotation into electrical connection changes via a mechanical detent system (the "click" feeling). --- ### 4. Typical Connection Diagram While specific wiring depends on the pole count, the general pin layout for a single-pole configuration follows this logic: ```text (3) (4) (2) (5) (1) [C] (6) (12) (7) (10) (9) (8) [C] = Common Terminal (Input) (1-12) = Selective Output Terminals ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between shorting and non-shorting contacts for this model?
    • ⤷ How do I adjust the stop-ring to limit the number of switch positions?
    • ⤷ What are the recommended soldering temperatures for the W2CE series pins?