전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2CE-53Y-R

  • AI
    The **W2CE-53Y-R** is a specific electrical component, typically identified as a **High-Density Power Entry Module (PEM)** or a specific **AC Power Inlet Connector**, often used in telecommunications, server infrastructure, and high-performance computing power supplies. --- ## 1. Component Overview This part is designed to bridge the external AC power source to the internal power conversion circuitry of a device. It belongs to a category of ruggedized, high-current connectors. | Specification | Typical Value / Description | |:---|:---| | **Part Type** | Power Entry Module / AC Inlet | | **Connector Standard** | Often associated with IEC 60320 standards (like C19/C20 or proprietary high-amp) | | **Current Rating** | High Amperage (typically 16A to 20A) | | **Voltage Rating** | 250V AC | | **Mounting Type** | Panel Mount / Screw Mount | | **Termination Style** | Solder or Quick-Connect Terminals | --- ## 2. Key Electronic Features The "electronic parts" or internal construction of this module usually include: ### A. Conductive Pins * **Material:** Usually made of a high-conductivity copper alloy. * **Plating:** Silver or Nickel plating to prevent oxidation and reduce contact resistance, which is critical for high-power applications to prevent overheating. ### B. Insulation Body * **Material:** Thermoplastic (e.g., UL 94V-0 rated polyester). * **Function:** Provides high dielectric strength to prevent arcing between the Live, Neutral, and Ground terminals. ### C. EMI/RFI Filtering (Model Dependent) While some "W2CE" series parts are simple inlets, many versions contain an integrated **Line Filter**: * **Capacitors (X and Y types):** Used for noise suppression. * **Inductors/Chokes:** Toroidal cores used to block high-frequency electromagnetic interference. --- ## 3. Application Use Cases Due to its robust design, the W2CE-53Y-R is commonly found in: 1. **Network Switches/Routers:** Providing reliable AC input for enterprise-grade hardware. 2. **Server Power Supplies:** Acting as the primary interface for PDU (Power Distribution Unit) cables. 3. **Medical Equipment:** Where secure power connections and low leakage current are mandatory. --- ## 4. Technical Pinout (Standard AC) | Pin Label | Function | Wire Color (Typical) | |:---|:---|:---| | **L** | Line / Hot | Black or Brown | | **N** | Neutral | White or Blue | | **E / G** | Earth / Ground | Green or Green/Yellow | ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the W2CE-53Y-R?
    • ⤷ Does this model include an integrated fuse holder or EMI filter?
    • ⤷ What are the mechanical mounting dimensions for this connector?