전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2CE-541-R/N

  • AI
    The **W2CE-541-R/N** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Quartz Crystal** or a high-precision oscillator component. This specific part numbering often refers to a 32.768 kHz tuning fork crystal, commonly used for Real-Time Clock (RTC) applications. --- ### Technical Specifications Below are the typical electronic characteristics for the W2CE-541 series: | Parameter | Specification | |:---|:---| | **Nominal Frequency** | 32.768 kHz | | **Frequency Tolerance** | ±20 ppm (standard) | | **Load Capacitance ($C_L$)** | 12.5 pF (standard) or 7 pF / 9 pF | | **Operating Temperature** | -40°C to +85°C | | **Equivalent Series Resistance (ESR)** | 70 kΩ (typical) | | **Package Type** | Ceramic SMD | | **Dimensions** | 3.2 x 1.5 mm (approx.) | --- ### Key Components and Internal Structure The "parts" or internal construction of this electronic component include: 1. **Quartz Blank:** A high-purity synthetic quartz wafer cut into a "tuning fork" shape to vibrate at a precise low frequency. 2. **Gold/Silver Electrodes:** Thin layers of metal deposited onto the quartz blank to facilitate electrical connection and piezoelectric oscillation. 3. **Ceramic Base:** A highly durable, non-conductive housing that provides thermal stability and protection. 4. **Kovar Lid:** A metal cap (usually Kovar alloy) that is seam-sealed to the ceramic base to create a vacuum-tight environment. 5. **Termination Pads:** Gold-plated pads on the bottom used for soldering the part onto a Printed Circuit Board (PCB). --- ### Part Number Breakdown (Nomenclature) While part numbering varies by manufacturer (often associated with brands like **TXC** or **Hosonic**), the code generally follows this logic: * **W2CE:** Designates the series and the physical package size (3.2x1.5mm). * **541:** Refers to specific internal electrical parameters (like load capacitance or frequency stability). * **R/N:** * **R:** Usually indicates "RoHS Compliant" or "Tape & Reel" packaging. * **N:** Can denote a specific frequency tolerance or a "Pb-free" (Lead-free) designation. --- ### Common Applications * **IoT Devices:** Keeping track of time in low-power sleep modes. * **Smart Meters:** Ensuring accurate billing based on time-of-use. * **Consumer Electronics:** Used in smartphones, tablets, and digital cameras for the system clock. * **Medical Equipment:** Portable diagnostic tools requiring time-stamping.
    ✨ Follow-up Questions
    • ⤷What is the significance of the 32.768 kHz frequency in electronic circuits?
    • ⤷ How does load capacitance affect the frequency stability of this crystal?
    • ⤷ What are the soldering precautions for ceramic SMD crystals?