전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2CE-5BY-R/N

  • AI
    The **W2CE-5BY-R/N** is a specialized electronic component, typically categorized as a **Limit Switch** or a **Touch Switch**, often utilized in precision industrial automation and CNC machinery. Below is a detailed breakdown of its electronic specifications and characteristics. --- ### 1. Technical Specifications This device acts as a high-precision sensor that triggers an electrical signal upon physical contact. | Feature | Specification | | :--- | :--- | | **Output Type** | Transistor Output (NPN / PNP compatible) | | **Contact Type** | Normally Open (NO) or Normally Closed (NC) | | **Operating Voltage** | Typically 12V to 24V DC | | **Indicator** | LED Light (R: Red / N: None or Green depending on sub-model) | | **Stroke/Travel** | Very short (Pre-travel approx. 0.3mm to 0.5mm) | | **Repeatability** | High precision (±0.005mm range) | --- ### 2. Electronic Component Breakdown #### A. Internal Circuitry The device operates using a non-contact internal electronic switch triggered by a mechanical plunger. * **Transistor Switching:** Unlike traditional mechanical switches that use metal plates (which can spark or oxidize), the W2CE series often uses an internal transistor to switch the load. * **Protection Circuitry:** Usually includes reverse polarity protection to prevent damage if the DC power leads are swapped. #### B. The "R/N" Designation In electronic part numbering for this series: * **R (Red):** Refers to the LED indicator color. When the switch is actuated, the internal circuit powers a red LED to provide visual feedback to the operator. * **N (Output Logic):** Often designates the logic type (NPN) or a variation in the normal state of the switch (Normally Open vs. Normally Closed). #### C. Wiring Configuration Most variations of this part use a 3-wire or 4-wire system: 1. **Brown:** Positive Supply (+V) 2. **Blue:** Ground (0V) 3. **Black:** Output Signal (Load) --- ### 3. Application Use Cases Because of its electronic precision, the W2CE-5BY-R/N is used in: * **Tool Length Measurement:** In CNC machines to detect the exact position of a drill bit. * **Safety Interlocks:** Ensuring a machine guard is fully closed. * **Positioning:** Detecting the "Home" position of a motorized axis with high repeatability. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the NPN and PNP wiring for this specific switch?
    • ⤷ What is the IP rating for the W2CE-5BY-R/N to ensure it is dust-proof?
    • ⤷ Can this switch be used with an AC power supply?