전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2CE-5CA-R2

  • AI
    The **W2CE-5CA-R2** is a high-performance, ultra-compact optical transceiver module, specifically an **OBO (On-Board Optics)** or "Mid-board" optical engine. These components are designed to move optical conversion away from the traditional faceplate and closer to the CPU or Switch ASIC to reduce signal integrity loss. --- ## 1. Technical Specifications The following table summarizes the primary electronic and optical characteristics of the W2CE-5CA-R2: | Feature | Specification | | :--- | :--- | | **Form Factor** | COBO / On-Board Optics (OBO) | | **Data Rate** | 400 Gbps (Aggregate) | | **Channel Count** | 8-Channel (50G PAM4 per channel) | | **Wavelength** | 850nm (Multimode) | | **Interface Type** | VCSEL Based | | **Electrical Interface** | High-speed LGA or Samtec-style connector | | **Max Reach** | Up to 100m (OM4) | --- ## 2. Key Electronic Components The internal architecture of the W2CE-5CA-R2 consists of several critical electronic sub-systems: ### A. VCSEL Driver (Transmitter) The module uses a Vertical-Cavity Surface-Emitting Laser (VCSEL) array. The electronic driver converts the incoming electrical PAM4 signals into current pulses that drive the laser diodes. ### B. TIA (Transimpedance Amplifier) On the receiver side, photodetectors convert light into a tiny current. The TIA is the critical electronic part that amplifies this current and converts it into a usable voltage signal for the host system. ### C. DSP (Digital Signal Processor) Because this module operates at 400G using PAM4 (4-level Pulse Amplitude Modulation), it contains a high-performance DSP. This chip handles: * **Clock and Data Recovery (CDR)**. * **Equalization**: Compensating for signal degradation over the PCB traces. * **Forward Error Correction (FEC)** support. ### D. I2C Management Interface The module includes a low-speed serial management interface (I2C) that allows the host to monitor: * Temperature and Voltage. * Laser bias current. * Transmit/Receive power (DOM - Digital Optical Monitoring). --- ## 3. Advantages of the W2CE Architecture Compared to standard pluggable modules (like QSFP-DD), the W2CE series offers: 1. **Thermal Efficiency**: Being mounted on the board allows for better heat sink integration. 2. **Density**: High-density interconnects allow for more bandwidth in a smaller PCB footprint. 3. **Signal Integrity**: By placing the optical engine closer to the ASIC, "trace loss" is significantly reduced, allowing for lower power consumption. ---
    ✨ Follow-up Questions
    • ⤷What is the power consumption per gigabit for the W2CE-5CA-R2?
    • ⤷ Which specific Samtec connectors are compatible with this module?
    • ⤷ How does the W2CE-5CA-R2 handle thermal management compared to QSFP-DD?