전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2DNY-2412-R2

  • AI
    The **W2DNY-2412-R2** is a high-performance **DC-DC Converter** module, typically belonging to the industrial power supply category. It is designed to step down or regulate voltage levels for sensitive electronic equipment, often used in telecommunications or automation. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series, here are the primary electronic characteristics: | Parameter | Specification | |:---|:---| | **Input Voltage Range** | 18V - 36V DC (Typical 24V Nominal) | | **Output Voltage** | 12V DC | | **Output Current** | ~2.0A (varies by specific load rating) | | **Isolation** | Input-to-Output Galvanic Isolation | | **Efficiency** | Typically 85% - 90% | | **Cooling** | Natural Convection / Heatsink dependent | --- ### 2. Major Electronic Components The internal architecture of the W2DNY-2412-R2 consists of several critical stages: 1. **Input Filter (EMI/EMC Stage):** * Uses capacitors and inductors to suppress high-frequency noise from the input line. * Protects the converter from voltage spikes. 2. **Switching Regulator (PWM Controller):** * The "brain" of the unit. It uses Pulse Width Modulation (PWM) to toggle power MOSFETs at high frequencies (usually 100kHz+). 3. **High-Frequency Transformer:** * Provides the necessary isolation and converts the voltage level through magnetic coupling. 4. **Rectification & Smoothing:** * Schottky diodes or synchronous rectifiers convert the AC output of the transformer back to DC. * Low-ESR electrolytic or ceramic capacitors smooth the ripple to provide clean 12V output. 5. **Feedback Loop (Optocoupler):** * Maintains output stability. If the 12V load increases, the feedback loop tells the PWM controller to increase the duty cycle. --- ### 3. Protection Features The "R2" revision usually signifies improved safety and reliability features: * **Short Circuit Protection (SCP):** Automatic shutdown or "hiccup" mode if the output is shorted. * **Over Voltage Protection (OVP):** Clamps the output to prevent damage to downstream components. * **Thermal Shutdown:** Internal sensors turn off the unit if it exceeds safe operating temperatures. --- ### 4. Application Areas * **Industrial Controls:** Powering PLCs and sensors from a 24V bus. * **Networking:** Providing stable power to routers or switches. * **Automotive/Marine:** Converting 24V battery systems to 12V for electronics.
    ✨ Follow-up Questions
    • What is the maximum operating temperature for the W2DNY-2412-R2?
    • Does this model support parallel configuration for higher current?
    • What is the specific pinout configuration for this module?