전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2DY-2412-R2SLASHQ

  • AI
    The **W2DY-2412-R2/Q** is a high-performance, isolated DC-DC converter module typically used in industrial and automotive applications. It is designed to convert a 24V DC input into a regulated 12V DC output with high efficiency and reliability. --- ### 1. Key Technical Specifications The following table outlines the core electronic parameters of the component: | Feature | Specification | | :--- | :--- | | **Input Voltage Range** | 18V – 36V DC (Nominal 24V) | | **Output Voltage** | 12V DC | | **Output Current** | 2.1A (Typical) | | **Efficiency** | ~85% - 90% | | **Isolation Voltage** | 1500V DC (Input to Output) | | **Form Factor** | Compact DIP or Chassis Mount (Depending on housing) | | **Protections** | Short Circuit, Over-current, Over-voltage | --- ### 2. Internal Electronic Architecture The device functions as a **Switch-Mode Power Supply (SMPS)**. Its internal operation can be broken down into these stages: 1. **Input Filtering:** Uses capacitors and inductors (LC filters) to suppress Electromagnetic Interference (EMI) and handle input voltage ripples. 2. **PWM Controller:** A Pulse Width Modulation (PWM) IC regulates the duty cycle to maintain a steady 12V output regardless of input fluctuations. 3. **Isolation Transformer:** Provides electrical separation between the input and output circuits, ensuring safety and preventing ground loops. 4. **Rectification & Smoothing:** High-speed Schottky diodes and output capacitors convert the high-frequency AC from the transformer back into clean DC. --- ### 3. Application Use Cases The suffix **/Q** often denotes **Automotive-grade** or specific qualification testing (like AEC-Q100 standards), making it suitable for: * **Industrial Automation:** Powering 12V sensors from a 24V PLC rail. * **Telecommunications:** Voltage stabilization for networking gear. * **Automotive Systems:** Converting truck/bus battery voltages (24V) to run 12V infotainment or GPS systems. --- ### 4. Implementation Example (Schematic Logic) Below is a conceptual representation of how to integrate this part into a circuit: ```cpp // Logic for an MCU monitoring the Converter Output const int voltagePin = A0; float vout = 0.0; void setup() { Serial.begin(9600); } void loop() { int raw = analogRead(voltagePin); vout = (raw * 5.0 / 1023.0) * 3.0; // Assuming a voltage divider for 12V -> 5V if (vout < 11.0) { Serial.println("Warning: Low Voltage Output"); } delay(1000); } ```
    ✨ Follow-up Questions
    • ⤷What are the pinout configurations for the W2DY series?
    • ⤷ Does this model support parallel operation for higher current?
    • ⤷ What is the operating temperature range for the /Q variant?