전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2DY-243B-R/N

  • AI
    The **W2DY-243B-R/N** belongs to a specific series of high-performance thermal printer mechanisms, commonly manufactured by companies like **WooSim Systems**. These components are widely integrated into POS terminals, medical devices, and portable label printers. --- ### 1. Technical Specifications The following table highlights the core electronic and physical characteristics of this part: | Feature | Specification | | :--- | :--- | | **Printing Method** | Thermal Line Dot Printing | | **Operating Voltage** | 24V DC (Main) / 3.3V - 5.0V (Logic) | | **Effective Printing Width** | 48 mm (2-inch paper compatibility) | | **Dot Density** | 203 DPI (8 dots/mm) | | **Number of Dots** | 384 dots per line | | **Max Printing Speed** | Approx. 50 mm/sec to 100 mm/sec (model dependent) | | **Head Resistance** | Average 176 $\Omega$ | --- ### 2. Key Electronic Components The "R/N" designation often refers to specific sensors or roller configurations. The electronic ecosystem of this part includes: #### A. Thermal Print Head (TPH) * **Heating Elements:** A series of 384 resistors that heat up to activate thermal paper. * **Driver ICs:** Integrated shift registers and latch circuits that manage which dots fire based on data input. #### B. Stepper Motor * Used for precise paper advancement. * Requires a constant current driver (H-Bridge) to ensure smooth torque and prevent paper jams. #### C. Sensors * **Paper-End Sensor:** Typically a photo-interrupter that detects the presence of paper. * **Head-Up Sensor:** Detects if the thermal head is disengaged from the platen roller. * **Thermistor:** A temperature-sensitive resistor used to monitor the TPH temperature to prevent overheating and burnout. --- ### 3. Pinout and Interface Logic The connection is usually via a Flexible Printed Circuit (FPC). Logic signals include: * **CLK (Clock):** Synchronizes data transfer. * **DI (Data In):** Serial data for the print line. * **LAT (Latch):** Transfers shifted data to the print drivers. * **STB (Strobe):** Controls the energizing time of the heating elements (determines darkness). --- ### 4. Application Precautions 1. **ESD Sensitivity:** The thermal head and sensors are highly sensitive to Electrostatic Discharge. Always use grounding straps during installation. 2. **Power Sequencing:** Ensure logic voltage (Vdd) is stable before applying the 24V motor/head voltage to prevent latch-up. 3. **Thermal Management:** The STB (Strobe) pulses must be calculated based on the thermistor reading to avoid damaging the heating elements.
    ✨ Follow-up Questions
    • ⤷ What are the recommended motor driver ICs for the W2DY-243B series?
    • ⤷ How is the strobe timing calculated based on the thermistor resistance?
    • ⤷ Can this mechanism support 2-ply thermal paper or only single-ply?