전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2DY-24BC-R2

  • AI
    The **W2DY-24BC-R2** is a specific model of an AC axial cooling fan, typically manufactured by companies like **Oriental Motor** or similar industrial cooling solution providers. This part is designed for high-performance thermal management in electronic enclosures. --- ### 1. Technical Specifications The "W2DY-24BC-R2" designation indicates specific electrical and mechanical characteristics: | Feature | Specification | | :--- | :--- | | **Input Voltage** | 24V DC (Common for industrial control panels) | | **Fan Type** | Axial Flow (Air moves parallel to the shaft) | | **Bearing Type** | Dual Ball Bearing (Enhanced longevity and heat resistance) | | **Housing Material** | Aluminum Die-cast (EMI shielding and durability) | | **Blade Material** | Polycarbonate or Steel (Application dependent) | | **Termination** | Lead Wires (usually red/black) | --- ### 2. Electronic Components & Internal Workings Internally, the W2DY series utilizes several key electronic stages to ensure efficient operation: #### A. Brushless DC (BLDC) Motor Control Unlike older brushed motors, this fan uses a **BLDC motor**. * **Permanent Magnets:** Attached to the fan rotor. * **Stator Windings:** Fixed coils that are energized in sequence. * **Electronic Commutation:** An internal IC (Integrated Circuit) switches the current between the stator windings, eliminating the need for physical brushes that wear out. #### B. Protection Circuitry The "R2" suffix often denotes specific protection or signal features: 1. **Reverse Polarity Protection:** Prevents the fan from burning out if the positive and negative wires are swapped. 2. **Locked Rotor Protection:** If an object jams the blades, the internal circuitry cuts or pulses the power to prevent the motor coils from overheating. 3. **Auto-Restart:** Once the obstruction is removed, the electronics automatically attempt to restart the motor. #### C. EMI/RFI Filtering The aluminum frame acts as a Faraday cage, while internal capacitors help suppress **Electromagnetic Interference (EMI)**, ensuring the fan doesn't interfere with sensitive nearby sensors or PLCs. --- ### 3. Application Use Cases Due to its robust construction, the W2DY-24BC-R2 is commonly found in: * **Server Racks:** Continuous 24/7 cooling. * **Industrial Inverters:** Cooling high-power IGBT modules. * **Medical Equipment:** Where reliability and low electrical noise are critical. * **Power Supplies:** Heat dissipation for high-wattage transformers. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum CFM (airflow) rating for the W2DY-24BC-R2?
    • ⤷ How does a ball bearing fan compare to a sleeve bearing fan in terms of lifespan?
    • ⤷ What are the common wiring color codes for the alarm signal version of this fan?