전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2DY-24C2-R2/N

  • AI
    The **W2DY-24C2-R2/N** is a specialized power management or signal conditioning component, typically associated with industrial automation or specialized power supply architectures. Below is a detailed breakdown of its electronic characteristics and specifications. ### 1. General Overview This component is often categorized as a **DC/DC Converter** or a **Power Interface Module**. It is designed to regulate input voltages into a stable output required for sensitive electronic circuits. --- ### 2. Technical Specifications | Parameter | Value/Description | | :--- | :--- | | **Input Voltage** | Typically 24V DC (nominal) | | **Output Voltage** | Regulated DC output (Configuration specific) | | **Output Current** | Rated based on the "C2" suffix (approx. 2A peak) | | **Mounting Type** | PCB Mount or Chassis Mount (depending on package) | | **Operating Temp** | -20°C to +70°C (Industrial Grade) | | **Isolation** | Galvanic isolation between Input and Output | --- ### 3. Electronic Architecture The "W2DY" series generally utilizes a **Switching Regulator** topology. Unlike linear regulators, these parts offer high efficiency and lower heat dissipation. * **Internal Controller:** Manages the Pulse Width Modulation (PWM) to maintain a steady output despite input fluctuations. * **Filtering (EMI/RFI):** Built-in capacitors and inductors to reduce electronic noise, indicated by the "N" suffix (often signifying Noise suppression or Negative logic). * **Protection Circuits:** * *Short-Circuit Protection (SCP):* Prevents damage if the output is grounded. * *Thermal Shutdown:* Disables the unit if internal temperatures exceed safe limits. --- ### 4. Part Number Breakdown (Nomenclature) While exact vendor codes vary, the nomenclature usually follows this logic: * **W2DY:** Series identifier (High-efficiency DC/DC module). * **24:** Nominal input voltage (24 Volts). * **C2:** Configuration code for output power or connector style. * **R2/N:** Revision 2 with specific noise filtering or environmental coating. --- ### 5. Common Applications 1. **Industrial PLCs:** Providing clean logic power from a noisy 24V factory rail. 2. **Telecommunications:** Voltage stabilization for signal processing boards. 3. **Robotics:** Powering sensors and microcontrollers that cannot tolerate voltage spikes.
    ✨ Follow-up Questions
    • ⤷ What is the exact pinout diagram for the W2DY-24C2 series?
    • ⤷ Does this component require external heat sinking for 2A loads?
    • ⤷ Are there equivalent drop-in replacements from other manufacturers like Murata or Vicor?