전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2DYS-24AC-R2

  • AI
    The **W2DYS-24AC-R2** is a specific model of an industrial AC fan, typically part of the **W2D series** produced by manufacturers like **ebm-papst**. It is categorized as an axial fan designed for high-performance cooling in industrial enclosures, power supplies, and telecommunications equipment. --- ### 1. Technical Specifications The following table highlights the core electrical and mechanical characteristics of the unit: | Parameter | Specification | | :--- | :--- | | **Input Voltage** | 24V AC | | **Frequency** | 50/60 Hz | | **Phase** | 1-Phase (Single Phase) | | **Bearing Type** | Ball Bearings (Dual) | | **Material** | Metal housing (Die-cast aluminum) / Metal Impeller | | **Termination** | Lead wires (typically 2 or 3 wires) | | **Protection** | Impedance protected or Thermal protection | --- ### 2. Breakdown of Electronic & Mechanical Parts #### A. The Motor (External Rotor Design) Unlike standard motors where the rotor is inside the stator, this fan likely uses an **external rotor motor**. * **Stator:** The stationary part connected to the power leads. * **Rotor:** The rotating outer shell that is directly attached to the fan blades. This design makes the unit compact and allows for better heat dissipation. #### B. Bearings The "Ball Bearing" system is a critical electronic/mechanical component. * **Longevity:** It allows the fan to operate in any orientation (vertical or horizontal). * **Durability:** High resistance to heat compared to sleeve bearings, essential for 24V industrial environments. #### C. Winding & Insulation * The copper windings are rated for specific temperature classes (typically Class B or F). * **Impedance Protection:** The motor is designed so that if the fan is stalled (locked rotor), the internal resistance of the windings prevents the motor from overheating and catching fire. #### D. Connection Points * **Red/Black or Blue/Brown Wires:** Standard AC power input. * **Grounding:** Since the housing is metal, there is often a grounding point to prevent ESD (Electrostatic Discharge) or electrical shock. --- ### 3. Application Use Cases Because it operates on **24V AC**, it is often found in specific niches: 1. **HVAC Control Systems:** Many building automation controllers output 24V AC. 2. **Industrial Cabinets:** Cooling PLCs (Programmable Logic Controllers) and Transformers. 3. **Medical Equipment:** Where low-voltage AC is preferred for safety over high-voltage mains (115V/230V). ---
    ✨ Follow-up Questions
    • ⤷ What are the airflow (CFM) ratings for the W2DYS-24AC-R2?
    • ⤷How do I wire this fan to a 24V AC power source?
    • ⤷What is the difference between the R2 and R1 versions of this fan?