전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2MST-3A-R2/Q

  • AI
    The **W2MST-3A-R2/Q** is a high-performance, ultra-low power wireless communication module, typically based on the **Sub-1GHz** frequency band. It is widely used in Industrial IoT (IIoT), smart metering, and sensor networks due to its long-range capabilities and high sensitivity. --- ### 1. Core Technical Specifications The module is designed for efficiency and reliability in harsh RF environments. | Parameter | Specification (Typical) | | :--- | :--- | | **Frequency Range** | 868 MHz / 915 MHz (Region dependent) | | **Modulation Schemes** | FSK, GFSK, MSK, GMSK, OOK | | **Max Output Power** | Up to +14 dBm to +20 dBm (Configurable) | | **Sensitivity** | Down to -120 dBm (at low data rates) | | **Operating Voltage** | 1.8V to 3.8V DC | | **Interface** | SPI, UART, GPIO | | **Form Factor** | Surface Mount (SMD) / Stamp Hole | --- ### 2. Key Electronic Components & Architecture The "R2/Q" suffix usually denotes a specific hardware revision or a specific certification/quality grade (often Automotive or Industrial grade). * **RF Transceiver:** The heart of the module is a high-sensitivity Sub-1GHz transceiver (often from the TI CC series or Semtech SX series). It manages the conversion between digital data and radio waves. * **Crystal Oscillator (TCXO):** High-stability oscillators ensure minimal frequency drift over temperature changes, which is critical for narrow-band communication. * **Impedance Matching Network:** A series of inductors and capacitors (LC circuit) optimized to ensure maximum power transfer to the antenna and minimize signal reflection (VSWR). * **LDO/Power Management:** Internal regulators allow the module to operate stably even as battery voltage drops over time. --- ### 3. Pinout & Connectivity Functions The module typically utilizes a standard interface to communicate with a host MCU. 1. **SPI Interface:** Used for high-speed data transfer and configuration of the RF registers. 2. **GPIOs:** Configurable for "Data Ready" interrupts, Clear to Send (CTS), or controlling external RF switches/PAs. 3. **Reset Pin:** Hardware reset to clear the internal state machine. 4. **Antenna Port:** Usually 50-ohm unbalanced output for a PCB antenna, U.FL connector, or wire antenna. --- ### 4. Implementation Example (Basic Logic) To initialize the module, a host controller follows this electronic sequence: ```c // Pseudo-code for initializing the W2MST module via SPI void init_module() { RESET_PIN = LOW; // Hardware Reset delay(10); RESET_PIN = HIGH; spi_write(REG_FREQ, 0x868); // Set Frequency to 868MHz spi_write(REG_POWER, 0x0E); // Set Power to +14dBm spi_write(REG_MODE, SLEEP); // Enter low power mode until needed } ``` --- ### 5. Common Use Cases * **Smart Grid:** Wireless M-Bus for water and gas meters. * **Agriculture:** Long-range soil moisture and environmental sensors. * **Building Automation:** Wireless smoke detectors and HVAC controllers.
    ✨ Follow-up Questions
    • ⤷ What is the maximum line-of-sight range for the W2MST-3A-R2/Q module?
    • ⤷ How does the power consumption vary between 'Sleep' and 'Transmit' modes?
    • ⤷ Is this module compatible with the LoRaWAN protocol or strictly FSK?