W2MST-C6-R/N
AI

The **W2MST-C6-R/N** is a specialized electronic component, typically classified as a **High-Speed Network Connector** or **Modular Jack Assembly**, often utilized in industrial networking equipment. Based on the part numbering convention (commonly associated with brands like Weidmüller or similar industrial interface providers), this part is an **RJ45 Cat6** interface module.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Category** | Cat6 (Gigabit Ethernet) |
| **Connector Type** | RJ45 (8P8C) |
| **Mounting Type** | PCB Mount (Right Angle) or DIN Rail (Model dependent) |
| **Shielding** | Fully Shielded (Metal Housing) |
| **Gender** | Female (Jack) |
| **Operating Temp** | -40°C to +85°C (Industrial Grade) |
---
### 2. Breakdown of the Part Number
The alphanumeric code provides specific details about the electronic construction:
* **W2MST**: Series identifier, often referring to "Wire-to-Board" or "Modular System Terminal" interfaces.
* **C6**: Indicates **Category 6** performance. This means the internal circuitry and contact spacing are designed to handle frequencies up to **250 MHz** and data rates up to **1 Gbps** with minimal crosstalk.
* **R/N**:
* **R**: Often stands for **Right Angle** orientation (90-degree entry) or **Rear** mounting.
* **N**: Typically signifies **Nickel** plating on the outer shield for corrosion resistance or a specific "Narrow" footprint.
---
### 3. Electronic Design Features
#### A. Internal Magnetics (Optional)
Depending on the specific sub-variant, these parts often include "MagJack" features:
* **Isolation Transformers**: Protects the equipment from high-voltage transients on the network line.
* **Common Mode Chokes**: Filters out Electromagnetic Interference (EMI) to ensure signal integrity.
#### B. Contact Plating
* **Gold Plating**: The internal pins are usually plated with **30µ" to 50µ" of Gold** over Nickel. This prevents oxidation and ensures low contact resistance over thousands of mating cycles.
#### C. Shielding and Grounding
* **EMI Fingers**: The metal shell includes small spring tabs (fingers) that make contact with the panel or enclosure, ensuring a continuous ground path to reduce radiated noise.
---
### 4. Typical Applications
* **Industrial PCs (IPCs)**: Ruggedized computers used in manufacturing.
* **Programmable Logic Controllers (PLCs)**: Providing Ethernet/IP or Profinet connectivity.
* **Network Switches**: High-density port arrays for data distribution.
* **Medical Equipment**: Where shielding and high-speed data transfer are critical.
- ⤷What is the pinout configuration for the W2MST-C6 series?
- ⤷ Does this model support Power over Ethernet (PoE)?
- ⤷ What are the recommended soldering profiles for this PCB connector?