전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2MST-C6-R/Q

  • AI
    The **W2MST-C6-R/Q** is a specific high-performance connector part number, typically associated with **Wain Electrical (GWconnect/Molex)**. It belongs to the Heavy Duty Connector (HDC) family, specifically designed for industrial automation and machinery. --- ### 1. Technical Specifications This part is a **high-current male insert** used in modular industrial power systems. | Specification | Details | | :--- | :--- | | **Series** | W2MST (High Current Modular) | | **Contact Type** | Male (Pins) | | **Number of Poles** | 2 Poles + Ground (Typical for this frame) | | **Current Rating** | 100A (Standard for C6 series) | | **Voltage Rating** | 1000V AC/DC | | **Termination Method** | Axial Screw / Crimp (Depending on specific sub-variant) | | **Material** | Polycarbonate (UL94 V-0 flame retardant) | --- ### 2. Key Features and Components The "Electronic" nature of this part is centered around its ability to handle high power densities without signal loss or thermal failure. * **Silver-Plated Copper Contacts:** The pins are usually made of copper alloy with heavy silver plating to ensure low contact resistance at high amperages (100A). * **Insulation Block:** The body is made of high-grade polycarbonate, providing high dielectric strength to prevent arcing between poles. * **Modular Design:** The "W2MST" designation implies it is part of a modular system, allowing it to be combined with signal, fiber optic, or pneumatic modules in a single heavy-duty housing. * **Operating Temperature:** Typically rated for **-40°C to +125°C**, making it suitable for harsh manufacturing environments. --- ### 3. Application Use-Cases The W2MST-C6-R/Q is primarily used where reliable, disconnectable power connections are required: 1. **Industrial Robotics:** Providing main power to robotic arms and controllers. 2. **Wind Energy:** Connecting power cables in the nacelle or turbine base. 3. **Injection Molding:** Powering heating elements and hydraulic motors. 4. **Rail Transport:** High-current power distribution in rolling stock. --- ### 4. Part Number Breakdown (Typical) | Code Segment | Meaning | | :--- | :--- | | **W2MST** | Series Identifier (Modular Power Insert) | | **C6** | Contact size / Frame size | | **R/Q** | Specific coding for orientation or specialized locking mechanisms | ---
    ✨ Follow-up Questions
    • ⤷What is the difference between axial screw and crimp termination for this module?
    • ⤷ Can this module be used alongside low-voltage signal modules in the same frame?
    • ⤷ What are the compatible female inserts for the W2MST-C6 series?