전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2PA-16Z-R2/N

  • AI
    The **W2PA-16Z-R2/N** is a specific electronic component typically categorized as an **Industrial Connector** or a **Terminal Block Adapter/Interface Module**, often associated with automation systems and PLC (Programmable Logic Controller) wiring solutions. ### 1. General Specifications Based on the nomenclature commonly used in industrial electronics (particularly in the Asian market for interface modules), here are the key technical details: | Feature | Specification | | :--- | :--- | | **Component Type** | Interface Terminal Block / Connector Terminal | | **Number of Pins** | 16-Pin (indicated by "16Z") | | **Connector Type** | IDC (Insulation Displacement Connector) or Ribbon Cable Header | | **Mounting Style** | DIN Rail Mounting | | **Series/Revision** | R2/N (Designates specific revision and wiring layout) | --- ### 2. Key Electronic Features #### A. Pin Configuration (16-Pin Layout) The "16Z" suffix indicates that the unit facilitates the connection of 16 distinct signals plus common/ground rails. This is standard for 8-channel or 16-channel digital input/output modules used in PLC systems (such as Mitsubishi, Omron, or LS Electric). #### B. Signal Integrity and Protection * **Voltage Rating:** Usually rated for 24V DC (standard industrial control voltage). * **Current Capacity:** Typically 1A per point, depending on the PCB trace width within the module. * **Isolation:** These modules often provide a buffer between field wiring and sensitive controller electronics. #### C. Connectivity Interface * **Field Side:** Screw terminals or push-in terminals for easy connection of field wires (sensors, actuators). * **Controller Side:** A 16-pin or 20-pin ribbon cable connector that plugs directly into a PLC I/O card. --- ### 3. Applications and Usage This part is used to simplify wiring in control panels. Instead of wiring 16 individual wires directly to a PLC, a single ribbon cable is used, and the **W2PA-16Z-R2/N** acts as the breakout board. 1. **Industrial Automation:** Connecting PLCs to relays or solenoid valves. 2. **Control Cabinets:** Reducing "spaghetti wiring" and improving maintenance speed. 3. **Signal Conversion:** Providing a stable platform for signal distribution from a single bus to multiple field points. --- ### 4. Comparison of Variants | Model | Difference | | :--- | :--- | | **W2PA-16Z** | Standard 16-pin interface. | | **W2PA-16Z-R2/N** | Specific revision with potentially different terminal spacing or NPN/PNP commonality. | ---
    ✨ Follow-up Questions
    • ⤷What is the specific pinout diagram for the R2/N revision?
    • ⤷ Is this module compatible with NPN or PNP logic?
    • ⤷ What is the maximum current rating per terminal for this specific part?