전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2PA-1BA-R/Q

  • AI
    ## Technical Overview: W2PA-1BA-R/Q The **W2PA-1BA-R/Q** is a specialized electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor** or a specific **Current Sense Resistor/Shunt**, often associated with automotive-grade applications or precision power management. Below is a breakdown of its electronic characteristics and specifications. --- ### 1. Key Technical Specifications | Feature | Description | | :--- | :--- | | **Component Type** | Precision Power Resistor / Current Shunt | | **Mounting Style** | Surface Mount (SMD/SMT) | | **Tolerance** | Generally ±1% (Standard for precision sensing) | | **Operating Temperature** | -55°C to +155°C (Extended range) | | **Application Environment** | Automotive, Industrial Power, Battery Management | ### 2. Physical and Material Construction * **Substrate:** Usually utilizes a metal alloy or ceramic base to ensure thermal stability under high-load conditions. * **Terminations:** Features robust solderable pads designed to handle high current density without significant heat generation at the joints. * **AEC-Q200 Compliance:** The "Q" suffix in the part number typically denotes **Automotive Grade** qualification, meaning it has passed rigorous stress tests for vibration, thermal shock, and moisture resistance. --- ### 3. Functional Roles in Electronic Circuits This part is primarily used in power electronics for the following functions: 1. **Current Sensing:** Used in series with a load to measure current flow by monitoring the voltage drop across the component ($V = I \times R$). 2. **Feedback Loops:** Provides data to DC-DC converters or motor controllers to prevent overcurrent conditions. 3. **Battery Management Systems (BMS):** Monitors charging and discharging cycles in electric vehicles or portable power stations. ### 4. Part Number Breakdown (Typical) While specific manufacturer coding varies (e.g., Cyntec, Susumu, or Vishay styles), the nomenclature usually follows this logic: * **W2PA:** Series identifier (Indicates the physical footprint and material type). * **1BA:** Resistance value code or power rating (e.g., 1 Watt or a specific Ohmic value). * **R/Q:** "R" often stands for Tape & Reel packaging; "Q" indicates Automotive Grade/AEC-Q200. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact resistance value for the 1BA code in this series?
    • ⤷ How does the 'Q' qualification affect the manufacturing process of this component?
    • ⤷ What are the recommended footprint dimensions for PCB layout?