전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2PA-1DA-R2/CE

  • AI
    The **W2PA-1DA-R2/CE** is a high-precision, industrial-grade **Signal Conditioner** (specifically a Transducer or Isolator) manufactured by **Watanabe Electric Industry**. It is primarily used in automation and control systems to convert high-level DC signals into isolated standard signals. --- ## 1. Core Technical Specifications The following table outlines the key electronic characteristics of the device: | Feature | Specification | | :--- | :--- | | **Model Type** | W2PA Series (Plug-in Signal Conditioner) | | **Input Signal** | 4 to 20mA DC (or specified DC voltage/current) | | **Output Signal** | 4 to 20mA DC (Standard for R2 configuration) | | **Power Supply** | 100-240V AC (CE marked version) | | **Accuracy** | ±0.1% of span | | **Response Time** | Approx. 25ms (0% to 90%) | | **Isolation** | 3-way isolation (Input, Output, Power) | | **Insulation Resistance** | 100MΩ or more (at 500V DC) | --- ## 2. Key Electronic Components & Functionality ### A. Three-Way Isolation The "R2" designation often refers to the isolation and output configuration. The device electronically separates the **Input**, **Output**, and **Power Supply** circuits. This prevents ground loops and protects sensitive PLC/DCS inputs from high-voltage surges or electrical noise originating at the sensor side. ### B. Signal Conversion Circuitry * **Input Stage:** Features a high-precision shunt resistor (for current inputs) or a high-impedance buffer (for voltage) to capture the analog signal without loading the source. * **Amplification/Linearization:** Uses precision Op-Amps to ensure the output remains strictly linear relative to the input. * **Zero/Span Adjustment:** Accessible potentiometers on the front panel allow for electronic fine-tuning of the signal's baseline (4mA) and ceiling (20mA). ### C. Power Supply Module The "CE" suffix indicates compliance with European safety and EMC standards. The internal power module is a switching power supply designed to handle a wide range of AC voltages while filtering out electromagnetic interference (EMI). --- ## 3. Terminal Connection Diagram (General) Typical wiring for the W2PA series involves an 8-pin or 11-pin socket base. ```text [ Power Supply ] --- Pin 7 & 8 (L / N) [ Input Signal ] --- Pin 5 (+) & 6 (-) [ Output Signal] --- Pin 1 (+) & 2 (-) ``` --- ## 4. Application Use Case This part is commonly found in power plants or chemical factories where a sensor (like a pressure transducer) is located far from the control room. The W2PA-1DA-R2 acts as a "buffer" to ensure the signal arriving at the controller is clean, accurate, and electronically isolated from field interference.
    ✨ Follow-up Questions
    • ⤷ What are the specific mounting requirements for the W2PA series socket?
    • ⤷ How do I perform the Zero and Span calibration on this unit?
    • ⤷ What is the difference between the R2 and R1 output configurations?