전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2PA-1DB-R2SLASHCE

  • AI
    The **W2PA-1DB-R2/CE** is a high-performance **Wi-Fi 6 (802.11ax) and Bluetooth 5.2** dual-band wireless module. It is commonly used in industrial IoT, automotive infotainment, and high-bandwidth consumer electronics. --- ### ## Technical Specifications The module is based on the **NXP 88W9098** chipset, which is a highly integrated IEEE 802.11ax/ac/a/b/g/n and BT 5.2 system-on-chip (SoC). | Feature | Specification | | :--- | :--- | | **Wi-Fi Standards** | Wi-Fi 6 (2.4GHz & 5GHz) | | **Bluetooth Version** | Bluetooth 5.2 (Classic & LE) | | **Chipset** | NXP 88W9098 | | **Antenna Configuration** | 2x2 MIMO (Multiple Input Multiple Output) | | **Host Interfaces** | PCIe / SDIO (Wi-Fi), UART (BT) | | **Max Data Rate** | Up to 1200 Mbps | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | --- ### ### Key Electronic Components The internal architecture of the W2PA-1DB-R2/CE consists of several critical stages: 1. **RF Front End (RFFE):** * Contains high-efficiency Power Amplifiers (PA) for transmission and Low Noise Amplifiers (LNA) for reception. * Includes RF switches to toggle between 2.4GHz and 5GHz bands. 2. **Baseband Processor:** * Handles the Orthogonal Frequency Division Multiple Access (OFDMA) and MU-MIMO processing, which are core features of Wi-Fi 6. 3. **Power Management Unit (PMU):** * Regulates input voltages to provide stable power to the sensitive radio components. 4. **Clocking:** * Utilizes a high-precision Temperature Compensated Crystal Oscillator (TCXO) to ensure frequency stability over the industrial temperature range. --- ### ### Pinout and Interface Connectivity The module typically interfaces with a host processor (like an i.MX series application processor) using the following protocols: ```yaml # Interface Mapping Wi-Fi: Primary: PCIe Gen2 Secondary: SDIO 3.0 Bluetooth: Primary: High-speed UART Audio: PCM/I2S Interface Control: - GPIOs (for Wake-on-Wireless) - Reset pins - Coexistence pins (to prevent Wi-Fi/BT interference) ``` --- ### ### Typical Application Circuit When integrating this module, designers must pay close attention to: * **Impedance Matching:** The RF traces to the antenna connectors must be maintained at **50 Ohms**. * **Thermal Dissipation:** Due to high-speed Wi-Fi 6 data rates, a thermal pad or heat sink is often required on the underside of the PCB. * **Voltage Supply:** Usually requires a dual supply (e.g., 1.8V and 3.3V) with low-dropout (LDO) regulators to minimize noise.
    ✨ Follow-up Questions
    • ⤷What are the power consumption profiles for this module in sleep vs. active mode?
    • ⤷ Does this module support Wi-Fi 6E (6GHz band)?
    • ⤷ What are the specific Linux driver requirements for the NXP 88W9098 chipset?