전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2PA-52B-R2

  • AI
    ## Overview of the W2PA-52B-R2 The **W2PA-52B-R2** is a specialized electronic component, typically categorized as a **Board-to-Board (B2B) Power Connector**. These components are designed to facilitate the transfer of electrical power and signals between two printed circuit boards (PCBs) in a compact, reliable manner. --- ### Technical Specifications The following table outlines the general technical characteristics typical for this class of high-current connectors: | Feature | Specification Details | | :--- | :--- | | **Component Type** | Board-to-Board Power Connector | | **Current Rating** | High Capacity (Usually up to 30A - 50A per pin) | | **Voltage Rating** | Typically 12V to 48V DC | | **Contact Material** | Copper Alloy with Gold or Tin plating | | **Mounting Type** | Surface Mount (SMT) or Through-Hole (THT) | | **Operating Temp** | -40°C to +105°C | --- ### Key Electronic Components & Materials 1. **Contact Terminals:** * The heart of the connector. These are usually made from high-conductivity copper alloys to minimize electrical resistance and heat generation during high-current operation. 2. **Housing/Insulator:** * Made from High-Temperature Thermoplastic (LCP - Liquid Crystal Polymer). This material ensures the part can withstand lead-free reflow soldering processes without melting or warping. 3. **Plating:** * **Gold Plating:** Often used on contact points to prevent oxidation and ensure long-term conductivity. * **Tin Plating:** Used on the solder tails to improve solderability to the PCB. 4. **Mechanical Retention Clips:** * Often integrated to ensure that the connector remains securely fastened to the board under vibration or mechanical stress. --- ### Applications The W2PA-52B-R2 is commonly found in industrial and computing environments where space is limited but power requirements are high: * **Server Power Distribution:** Connecting power modules to motherboards. * **Networking Equipment:** High-speed switches and routers. * **Industrial Automation:** Control boards requiring modular power delivery. * **EV Charging Systems:** Internal DC-DC converter connections. --- ### Design Considerations When integrating this part into a circuit, engineers must consider: * **Thermal Management:** Because this part handles high current, the PCB traces connected to it must be wide enough to dissipate heat. * **Mating Cycles:** Defined by how many times the boards can be connected/disconnected before the physical contact degrades. * **Alignment:** Proper PCB alignment is critical to prevent "stubbing" or damaging the pins during assembly.
    ✨ Follow-up Questions
    • ⤷What is the exact current rating for the W2PA-52B-R2?
    • ⤷ Are there specific footprint recommendations for the PCB layout?
    • ⤷ What are the compatible mating connectors for this model?