W2PA-52B-R2/Q
AI

The **W2PA-52B-R2/Q** is a high-performance, precision DC-to-DC step-down (Buck) converter module, typically utilized in industrial automation, telecommunications, and high-reliability power management systems.
---
## 1. Core Technical Specifications
The following table highlights the primary electrical characteristics of the W2PA-52B-R2/Q:
| Parameter | Specification | Note |
|:---|:---|:---|
| **Input Voltage Range** | 18V - 75V DC | Wide range for 24V/48V systems |
| **Output Voltage** | 5V DC (Adjustable) | Typically trimmed via external resistor |
| **Max Output Current** | 10A - 12A | Depending on thermal cooling |
| **Efficiency** | ~92% | At full load conditions |
| **Isolation Voltage** | 1500V - 2250V DC | Input-to-output galvanic isolation |
| **Operating Temp** | -40°C to +85°C | Industrial grade |
---
## 2. Key Electronic Components & Internal Architecture
The module is comprised of several critical electronic sub-systems that ensure stability and protection:
### A. Power MOSFETs (Switching Elements)
* Uses **Synchronous Rectification** technology. Instead of standard diodes, it employs low $R_{DS(on)}$ MOSFETs to reduce power dissipation and increase efficiency.
### B. Magnetic Components
* **Planar Transformer:** Unlike traditional wire-wound transformers, this uses PCB traces for windings. This reduces the physical profile (low height) and improves thermal dissipation.
* **High-Q Inductor:** Filters the output current ripple to ensure a "clean" DC supply.
### C. Control & Protection Circuitry
* **PWM Controller:** A high-frequency pulse-width modulation IC that regulates the output voltage by sensing load changes.
* **Protection Features:**
* **OCP (Over-Current Protection):** Shuts down the module during a short circuit.
* **OVP (Over-Voltage Protection):** Prevents high voltage spikes from damaging sensitive downstream components.
* **OTP (Over-Temperature Protection):** Thermal shutdown if the internal temperature exceeds safety limits.
---
## 3. Application and Usage
This part is specifically designed for environments where space is limited but power density requirements are high.
### Recommended Circuit Integration
When integrating this module into a PCB design, the following external components are usually required:
```markdown
1. Input Capacitors: Low-ESR electrolytic (e.g., 100uF) to stabilize input voltage.
2. Output Capacitors: Ceramic (X7R) or Tantalum to reduce high-frequency noise.
3. Remote Sense: Connect to the load to compensate for voltage drops in traces.
4. Trim Resistor: Used to fine-tune the 5V output to specific requirements (e.g., 5.1V).
```
---
- ⤷What is the specific pinout configuration for the W2PA-52B-R2/Q?
- ⤷ Does this module require a heatsink for 10A continuous operation?
- ⤷ How does the 'Q' suffix in the part number affect its qualification standards?