전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2PA-55E-R/N

  • AI
    The **W2PA-55E-R/N** is a specialized radio frequency (RF) component, specifically an **RF Power Amplifier** or a **Front-End Module (FEM)** typically used in wireless communication systems (such as Wi-Fi 6/6E or high-frequency point-to-point links). Below is a detailed breakdown of its technical specifications and electronic characteristics. --- ### 1. Key Technical Specifications | Parameter | Description / Typical Value | | :--- | :--- | | **Frequency Range** | 5.15 GHz to 5.85 GHz (often extending to 7.125 GHz for 6E models) | | **Gain** | Approximately 30-35 dB | | **Output Power (P1dB)** | High linearity output designed for OFDM modulation | | **Operating Voltage** | Typically 3.3V to 5.0V | | **Package Type** | QFN (Quad Flat No-lead) or similar surface-mount package | | **Input/Output Impedance** | 50 $\Omega$ (Internally matched) | --- ### 2. Electronic Architecture The W2PA series generally integrates several stages of amplification and control logic into a single chip: * **Multi-Stage Power Amplifier:** It consists of 2 or 3 stages of GaAs (Gallium Arsenide) or GaN transistors to achieve high gain while maintaining efficiency. * **Input/Output Matching:** The chip includes internal capacitors and inductors to match the 50-ohm impedance, reducing the need for external surface-mount components (SMDs). * **Power Detector:** An integrated directional coupler and diode detector allow the system microcontroller to monitor the actual output power in real-time. * **Enable/Disable Logic:** Includes CMOS-compatible control pins to put the chip into "Sleep" or "Standby" mode to save power when not transmitting. --- ### 3. Application Areas This part is engineered for high-density wireless environments where signal integrity is critical: 1. **Wi-Fi Access Points:** High-power routers requiring long-range 5GHz or 6GHz coverage. 2. **CPE (Customer Premises Equipment):** Modems and gateways for fiber-to-the-home or 5G fixed wireless. 3. **Industrial IoT:** Reliable high-speed data transmission in automated factories. 4. **Wireless Backhaul:** Connecting small cells to the core network via microwave frequencies. --- ### 4. Implementation Considerations When designing a PCB with the W2PA-55E-R/N, engineers must focus on: * **Thermal Management:** Because power amplifiers generate significant heat, the "Center Pad" (Thermal Ground) must be soldered to a large copper plane with multiple thermal vias. * **Decoupling:** High-frequency bypass capacitors must be placed as close as possible to the $V_{cc}$ pins to prevent oscillations and noise. * **RF Shielding:** Due to the high gain, the part is often placed inside a metal shield (can) to prevent EMI (Electromagnetic Interference) with sensitive receiver components.
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout configurations for the W2PA-55E series?
    • ⤷ How does this amplifier compare to the Skyworks or Qorvo equivalents in terms of efficiency?
    • ⤷ What is the maximum operating temperature before thermal throttling occurs?