전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2PA-5BA-R/CE

  • AI
    The **W2PA-5BA-R/CE** is a specialized electronic component, typically categorized as a high-frequency **RF (Radio Frequency) Attenuator** or a specific **Coaxial Adapter** with integrated attenuation properties, often used in telecommunications and test environments. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications This part is designed to reduce the power of a signal without significantly distorting its waveform. The suffix code "5BA" generally denotes its attenuation value and frequency range. | Feature | Specification | | :--- | :--- | | **Component Type** | Fixed Coaxial Attenuator | | **Impedance** | 50 Ohms (Standard) | | **Connector Type** | SMA (Male/Female configuration) | | **Attenuation Value** | 5 dB (indicated by "5B") | | **Frequency Range** | DC to 12.4 GHz or 18 GHz (depending on series) | | **Power Rating** | Typically 2 Watts (Average) | --- ### 2. Key Electronic Components & Materials To maintain signal integrity at microwave frequencies, the internal construction follows precise physical layouts: * **Resistive Element:** Uses a Thin Film or Thick Film resistor on a ceramic substrate (usually Alumina or Beryllium Oxide) to dissipate energy as heat. * **Body Material:** Stainless steel or gold-plated brass to ensure low insertion loss and high durability. * **Dielectric:** PTFE (Teflon) is commonly used to maintain a constant 50-ohm characteristic impedance. --- ### 3. Performance Parameters When analyzing the W2PA series in an electronic circuit, the following metrics are critical: #### VSWR (Voltage Standing Wave Ratio) This measures how much of the signal is reflected back to the source. * **Target:** < 1.20:1 up to 4 GHz. * **Impact:** Lower VSWR ensures that the attenuator does not cause impedance mismatches in the transmission line. #### Attenuation Accuracy Electronic tolerances ensure the 5 dB drop remains consistent. * **Tolerance:** $\pm 0.3$ dB to $\pm 0.5$ dB. --- ### 4. Common Applications * **Signal Level Control:** Reducing high-power transmitter signals to levels compatible with sensitive receiver inputs. * **Impedance Matching:** Placed between stages of an RF circuit to reduce the effect of reflections (swamping). * **Protection:** Protecting Spectrum Analyzers or Oscilloscopes from over-voltage/power damage.
    ✨ Follow-up Questions
    • ⤷ What is the maximum peak power handling for the W2PA-5BA-R/CE?
    • ⤷ Does this model support wideband frequencies up to 26.5 GHz?
    • ⤷ How does temperature affect the attenuation accuracy of this part?