AI

The **W2PA-5BE-R/N** is a specific model of a **micro-USB connector**, typically manufactured by companies like **Walsin** or similar electronic component providers. It is designed for surface-mount technology (SMT) and is commonly found in consumer electronics for power delivery and data transfer.
---
## 1. Technical Specifications
The part follows the standard Micro-USB Type B interface. Below are the typical technical parameters for this component:
| Parameter | Specification |
| :--- | :--- |
| **Connector Type** | Micro-USB Type B |
| **Gender** | Receptacle (Female) |
| **Mounting Type** | Surface Mount (SMT) / Right Angle |
| **Number of Pins** | 5 Pins (VCC, D-, D+, ID, GND) |
| **Current Rating** | 1.0A to 1.8A (varies by specific sub-model) |
| **Voltage Rating** | 30V AC/DC |
| **Durability** | ~10,000 Mating Cycles |
---
## 2. Key Electronic Components & Features
### A. Contact Material and Plating
The internal pins (contacts) are usually made of a **Copper Alloy**.
* **Plating:** To ensure high conductivity and prevent corrosion, the contact area is typically plated with **Gold (Au)**, while the solder tails are plated with **Tin (Sn)**.
### B. Shell (Shielding)
The outer metal "cage" or shell is made of **Stainless Steel** or **Nickel-plated Steel**.
* **Purpose:** It provides mechanical strength to the port and acts as an EMI (Electromagnetic Interference) shield, grounding the connection to the PCB's chassis ground.
### C. Insulator Body
The internal plastic that holds the pins in place is made of **High-Temperature Thermoplastic** (e.g., LCP - Liquid Crystal Polymer).
* **Heat Resistance:** This material is chosen to withstand the high temperatures of reflow soldering during the PCB assembly process.
---
## 3. Pinout Configuration
The 5-pin layout is standard for Micro-USB B connectors:
| Pin Number | Signal Name | Description |
| :--- | :--- | :--- |
| **1** | VBUS | +5V Power Supply |
| **2** | D- | Data Negative |
| **3** | D+ | Data Positive |
| **4** | ID | Identification (Used for OTG - On-The-Go) |
| **5** | GND | Ground |
---
## 4. Common Applications
* **Mobile Devices:** Smartphones and tablets (older generations).
* **Charging Modules:** Power banks and battery charging circuits.
* **Peripherals:** Computer mice, keyboards, and external hard drives.
* **Development Boards:** Microcontrollers like ESP32 or Arduino Nano variants.
- ⤷
What are the PCB footprint requirements for the W2PA-5BE-R/N?
- ⤷ Is this connector compatible with USB OTG (On-The-Go) standards?
- ⤷ What is the difference between the 'R' and 'N' suffixes in this part number?