전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2PA-5CC-R2/Q

  • AI
    The **W2PA-5CC-R2/Q** is a high-performance **Wi-Fi 6 (802.11ax) Dual-Band Front-End Module (FEM)**. It is primarily designed to handle the power amplification and signal reception tasks between a Wi-Fi chipset and the antenna. ### 1. Key Component Overview The device integrates multiple functional blocks into a single compact laminate package to save space on the Printed Circuit Board (PCB). | Component | Function | | :--- | :--- | | **Power Amplifier (PA)** | Boosts the transmit signal to reach longer distances. | | **Low Noise Amplifier (LNA)** | Amplifies weak incoming signals while minimizing background noise. | | **Transmit/Receive Switch** | Toggles the antenna between the PA (sending) and LNA (receiving). | | **Power Detector** | Monitors output power levels to ensure regulatory compliance and efficiency. | --- ### 2. Technical Specifications This module is optimized for the high-frequency requirements of Wi-Fi 6, specifically targeting the 5 GHz band. | Parameter | Specification (Typical) | | :--- | :--- | | **Frequency Range** | 5.15 GHz to 5.85 GHz | | **Standard Support** | IEEE 802.11ax / ac / a / n | | **Supply Voltage** | 3.3V to 5.0V | | **Gain (Tx)** | ~30 dB to 33 dB | | **Noise Figure (Rx)** | ~2.0 dB (critical for range) | | **Modulation** | 1024 QAM (High throughput) | --- ### 3. Electronic Architecture The "R2/Q" suffix usually refers to specific revisions or packaging styles (like Reel/Quantity for manufacturing). Inside the module, the circuitry follows this flow: 1. **Transmit Path:** The SoC (System on Chip) sends a low-power RF signal $\rightarrow$ Input Match $\rightarrow$ Multi-stage Power Amplifier $\rightarrow$ Harmonic Filter $\rightarrow$ T/R Switch $\rightarrow$ Antenna. 2. **Receive Path:** Antenna $\rightarrow$ T/R Switch $\rightarrow$ Low Noise Amplifier (LNA) $\rightarrow$ Bypass Switch (if signal is too strong) $\rightarrow$ SoC. 3. **Control Logic:** Digital pins (usually GPIO-based) allow the SoC to switch between Sleep, Transmit, and Receive modes instantly. ### 4. Common Applications * High-end Wi-Fi Routers and Access Points. * Enterprise Networking Gear. * Set-top Boxes and Smart Home Hubs. * CPE (Customer Premises Equipment) for Fixed Wireless Access. ---
    ✨ Follow-up Questions
    • ⤷ What are the differences between Wi-Fi 5 and Wi-Fi 6 FEMs?
    • ⤷ How does the Power Detector in this module help with battery life?
    • ⤷ What are the thermal management requirements for the W2PA-5CC-R2/Q?