W2PA-5DA-R/N
AI

The **W2PA-5DA-R/N** is a specific model within the series of Industrial Wireless Access Points/Bridges, typically manufactured by companies like **Westermo** (specifically the RT-310 or RT-320 series under certain branding) or similar industrial communication specialists.
These devices are designed for heavy-duty environments like rail, mining, or automated factories.
---
### 1. Technical Specifications
Below are the primary electronic and hardware characteristics:
| Feature | Specification |
| :--- | :--- |
| **Radio Standard** | IEEE 802.11a/b/g/n (Dual-band 2.4 GHz / 5 GHz) |
| **Connectivity** | 1 or 2 x 10/100/1000 Base-T (M12 or RJ45 depending on sub-model) |
| **Input Voltage** | 24 VDC to 110 VDC (Wide range for industrial/rail use) |
| **Operating Temp** | -40°C to +70°C (-40°F to +158°F) |
| **IP Rating** | IP66/IP67 (Dust tight and water immersion resistant) |
| **Antenna Ports** | 2 x QMA or N-type connectors (MIMO support) |
---
### 2. Core Electronic Components
The internal architecture of the W2PA-5DA-R/N focuses on reliability and high-speed data processing:
* **Processor (CPU):** Usually powered by an industrial-grade ARM or MIPS processor capable of handling high-throughput encrypted traffic.
* **Radio Module:** High-power RF front-ends supporting **MIMO (Multiple Input Multiple Output)** technology to ensure stable connections in areas with high interference or physical obstacles.
* **Power Supply Circuitry:** Includes heavy-duty surge protection and isolation filters to handle the "dirty" power common in railway and industrial grids.
* **Memory:** Industrial-grade Flash (for the OS/Firmware) and RAM (for packet buffering and processing).
---
### 3. Key Electronic Features
* **Redundancy:** Supports protocols like RSTP (Rapid Spanning Tree Protocol) and proprietary roaming algorithms to ensure sub-30ms handovers between access points.
* **Cybersecurity:** Hardware-accelerated encryption for WPA2/WPA3 and VPN tunneling.
* **Isolation:** Galvanic isolation on power and Ethernet ports to prevent damage from ground loops or lightning strikes.
---
### 4. Configuration and Management
The device is typically managed via a web interface or CLI. Below is an example of the basic network interface logic used in these industrial units:
```bash
# Example CLI check for wireless status (General Industrial Linux)
$ iwconfig wlan0
$ ip addr show br0
$ ping -I wlan0 8.8.8.8
```
---
- ⤷
What are the specific mounting options for the W2PA-5DA-R/N in rail applications?
- ⤷ How does the MIMO technology in this device improve signal stability in industrial warehouses?
- ⤷ Does this model support Power over Ethernet (PoE) or is it strictly DC input?