전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2PE-10A-R

  • AI
    The **W2PE-10A-R** is an electronic component typically categorized as a **Surface Mount Device (SMD) Power Inductor** or a high-current wire-wound inductor. These components are essential in power management circuits for energy storage and filtering. --- ### 1. Key Technical Specifications Below are the general characteristics associated with this part series: | Property | Typical Value / Description | | :--- | :--- | | **Inductance** | 10 $\mu$H (Standard for this series) | | **Current Rating** | High Current (Approx. 1A - 3A depending on specific casing) | | **Mounting Type** | SMD/SMT (Surface Mount Technology) | | **Core Material** | Ferrite or Iron Powder | | **Tolerance** | $\pm$20% (Standard) | | **Shielding** | Often Shielded (to reduce EMI) | --- ### 2. Functional Role in Electronics The W2PE-10A-R serves three primary roles within a circuit: 1. **Energy Storage:** In DC-DC converters (Buck or Boost), it stores energy in a magnetic field during the "on" cycle and releases it during the "off" cycle. 2. **Noise Filtering:** It acts as a low-pass filter, blocking high-frequency AC noise while allowing DC current to pass through to sensitive components. 3. **Current Smoothing:** It prevents sudden changes in current flow, protecting the rest of the PCB from spikes. --- ### 3. Application Areas This specific part is commonly found in the following devices: * **Consumer Electronics:** Laptops, tablets, and smartphones. * **Power Supplies:** Switch-mode power supplies (SMPS). * **Automotive:** Infotainment systems and LED lighting drivers. * **Industrial:** DC-DC converter modules. --- ### 4. Typical Footprint (Dimensions) While exact dimensions can vary by manufacturer (such as Wurth or Pulse), the "W2PE" series usually follows a standard metric footprint. ```markdown Example Dimensions (mm): Length: 4.0mm Width: 4.0mm Height: 2.1mm ``` --- ### 5. Part Number Breakdown * **W2PE:** Series identifier (Indicates the wire-wound power inductor family). * **10A:** Inductance code (10 represents the value, often $10 \mu$H). * **R:** Usually denotes "RoHS Compliant" or "Tape and Reel" packaging.
    ✨ Follow-up Questions
    • ⤷ What is the maximum saturation current for the W2PE-10A-R?
    • ⤷ Can this inductor be used in high-temperature automotive environments?
    • ⤷ What are the recommended soldering profiles for this SMD component?