전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2PE-11B-R/N

  • AI
    The **W2PE-11B-R/N** is a specific type of industrial pushbutton switch, typically belonging to the high-reliability command and signaling device category. These are commonly used in control panels, automation systems, and machinery. Below is the breakdown of its electronic and mechanical parts. --- ### 1. Technical Specifications Table | Feature | Specification | | :--- | :--- | | **Component Type** | Pushbutton Switch | | **Mounting Diameter** | Usually 22mm or 25mm (Standard Industrial) | | **Contact Configuration** | 1 NO (Normally Open) or 1 NC (Normally Closed) depending on block | | **Action Type** | Momentary (Spring Return) | | **Illumination** | Non-Illuminated (standard for -R/N series) | | **Operator Shape** | Extended / Flush Round | | **Current/Voltage Rating** | Typically 10A at 240VAC (AC-15) | --- ### 2. Breakdown of Parts #### A. The Operator (The Head) This is the visible part on the outside of the control panel. * **W2PE Identification:** Refers to the series design (often ergonomic plastic or metal bezel). * **Color (-R/N):** * **R** usually stands for **Red**. * **N** often indicates a specific variant (like "Normal" or a specific material coating). * **Mechanical Spring:** A high-tension spring located inside the head to ensure the button returns to its original position after being pressed. #### B. The Contact Block This is the electronic heart of the switch located behind the panel. * **Terminals:** Screw-type terminals for securing electrical wires. * **Plunger:** A plastic rod that moves down when the button is pressed to bridge the electrical gap. * **Contacts:** Made of silver alloy to prevent oxidation and ensure high conductivity over thousands of cycles. #### C. The Mounting Collar (Bracket) * **Locking Nut:** A threaded ring that secures the operator head to the panel. * **Anti-Rotation Tab:** A small notch that prevents the switch from spinning when operated. --- ### 3. Connection Logic The W2PE-11B-R/N is typically used in a **Control Circuit**. Because it is a momentary switch, it is often paired with a **Contactor** or a **Relay** in a "Latching Circuit" (Start/Stop logic). ```mermaid graph LR A[Power Source] --> B[W2PE Switch] B --> C[Relay Coil] C --> D[Ground/Neutral] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the exact IP rating for the W2PE-11B-R/N regarding water and dust resistance?
    • ⤷ Can the contact blocks be stacked or replaced with different configurations?
    • ⤷ Is this switch compatible with 24V DC PLC inputs?