W2PE-11Z-R2
AI

The **W2PE-11Z-R2** is a specialized electronic component, typically categorized as a **terminal block interface module** or a **relay terminal unit**. It is commonly used in industrial automation to bridge the gap between programmable logic controllers (PLCs) and field devices.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical and physical characteristics:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Relay Terminal / Interface Module |
| **Number of Points** | 1 output (Single Point) |
| **Rated Voltage** | Typically 24V DC (Coil side) |
| **Contact Arrangement** | 1 Form C (SPDT - Single Pole Double Throw) |
| **Mounting Type** | DIN Rail Mounting |
| **Connection Method** | Screw terminals or Spring-clamp (model dependent) |
---
### 2. Core Electronic Components
The internal architecture of the W2PE-11Z-R2 consists of several critical parts:
#### A. Electromagnetic Relay
The heart of the module is a mechanical relay. When the input signal (from a PLC) energizes the internal coil, it creates a magnetic field that moves a physical contact to open or close a high-power circuit.
#### B. Flyback Diode (Freewheeling Diode)
To protect the driving electronics (like a PLC transistor output), a diode is placed in parallel with the relay coil. This prevents voltage spikes (inductive kickback) when the coil is de-energized.
#### C. LED Status Indicator
Most "-R2" revision modules include an integrated LED. This provides visual feedback to technicians, indicating whether the specific channel is currently active.
#### D. Isolation Barrier
The module provides galvanic isolation between the low-power control logic and the high-power load, protecting sensitive microprocessor components from electrical noise and surges.
---
### 3. Application Use Cases
* **Signal Amplification:** Using a low-current PLC signal to switch a high-current motor or solenoid.
* **Voltage Level Conversion:** Converting a 24V DC control signal to switch a 120V/240V AC load.
* **Wiring Efficiency:** Simplifying the wiring in a control cabinet by providing organized terminal points for field sensors and actuators.
- ⤷
What is the maximum current rating for the contacts on the W2PE-11Z-R2?
- ⤷ How does the 'R2' revision differ from previous versions of this module?
- ⤷ Can this module be used for high-speed switching applications?