전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2PE-15WC-R2

  • AI
    The **W2PE-15WC-R2** is a high-performance, compact **AC/DC Power Module** (often categorized as an encapsulated power supply). It is designed to convert high-voltage AC input into a stabilized DC output, typically used in industrial automation, IoT devices, and telecommunications. ### 1. Key Technical Specifications The "15WC" in the part number generally indicates a **15-Watt** power rating. | Parameter | Specification (Typical) | | :--- | :--- | | **Input Voltage Range** | 85V AC – 264V AC (Universal) or 100V – 370V DC | | **Output Power** | 15 Watts | | **Output Voltage** | Usually available in 5V, 12V, or 24V DC variants | | **Efficiency** | >80% (Typical) | | **Mounting Type** | PCB Mount (Through-hole) | | **Isolation** | 3000V AC or higher (Input to Output) | --- ### 2. Internal Electronic Architecture The module operates as a **Switch-Mode Power Supply (SMPS)**. Internally, it consists of several critical stages: 1. **Input Filter & Protection:** Contains an EMI filter to reduce noise and a MOV (Metal Oxide Varistor) to protect against voltage surges. 2. **Rectification & Filtering:** High-voltage diodes convert AC to pulsating DC, which is then smoothed by a high-voltage electrolytic capacitor. 3. **PWM Controller & MOSFET:** The "brain" of the unit. It switches the DC current at high frequencies (kHz) into a transformer. 4. **High-Frequency Transformer:** Provides galvanic isolation and steps down the voltage. 5. **Output Rectification & Smoothing:** Uses Schottky diodes and low-ESR capacitors to provide a clean DC output. 6. **Feedback Loop:** Uses an **Optocoupler** to send voltage information back to the controller to maintain a steady output regardless of load changes. --- ### 3. Key Features and Protections The **R2** suffix often denotes a specific revision or improved efficiency/thermal performance. * **Short Circuit Protection (SCP):** Automatically shuts down or limits current during a short. * **Over-Current Protection (OCP):** Prevents damage if the connected device draws more than 15W. * **Over-Voltage Protection (OVP):** Clamps the output to prevent damaging sensitive downstream electronics. * **Compact Footprint:** Encapsulated in a plastic resin case to protect against dust, moisture, and vibration. --- ### 4. Implementation Example Below is a conceptual representation of how this part is integrated into a PCB design. ```cpp // Typical Hardware Integration Notes: // 1. Ensure 5mm clearance between AC traces and DC traces for safety. // 2. Add an external fuse (T2A/250V) on the AC Input Line. // 3. Optional: Add a 10uF electrolytic + 0.1uF ceramic capacitor // at the output pins to further reduce ripple noise. ```
    ✨ Follow-up Questions
    • ⤷ What are the specific output voltage options for the W2PE-15WC series?
    • ⤷ What is the operating temperature range for this power module?
    • ⤷ How does the 'R2' version differ from the original R1 version in terms of efficiency?