전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2PE-1AC-R2/Q

  • AI
    The **W2PE-1AC-R2/Q** is a high-precision, industrial-grade AC power controller/regulator, typically associated with temperature control systems or heater management (often used in the semiconductor or plastics industry). Below is a breakdown of its electronic components, specifications, and functions. --- ## 1. Technical Specifications This device serves as a thyristor-based power regulator (often called a **Thyristor Power Regulator** or **SCR**). | Feature | Description | | :--- | :--- | | **Model Series** | W2PE (Phase Control / Cycle Control) | | **Phase Type** | Single-Phase (1AC) | | **Control Mode** | Phase Angle Control or Zero-Cross Switching | | **Rated Voltage** | Typically 100V - 240V AC (dependent on sub-suffix) | | **Current Rating** | Determined by the R2/Q designation (often 20A-30A range) | | **Input Signal** | 4-20mA DC, 1-5V DC, or Potentiometer | --- ## 2. Key Electronic Components The internal architecture of the W2PE-1AC-R2/Q consists of several critical stages: ### A. Power Stage (SCRs) The core of the unit consists of two **Thyristors (SCRs)** connected in anti-parallel. * **Function:** They act as high-speed electronic switches that "chop" the AC waveform to regulate the power delivered to the load. * **Heat Dissipation:** These are mounted on a heavy-duty aluminum heatsink to manage thermal energy generated during switching. ### B. Control Circuitry (The "Brain") A microprocessor or dedicated ASIC manages the timing of the gate pulses. * **Phase Angle Control:** Adjusts the point in the sine wave where the SCR triggers, allowing for smooth, linear power adjustment. * **Zero-Cross Control:** Switches the power only when the voltage is at 0V to minimize Electromagnetic Interference (EMI). ### C. Feedback and Protection * **Current Transformer (CT):** Monitors the output current to provide over-current protection. * **Varistor (MOV):** Protects the internal semiconductors from voltage surges on the AC line. * **Fast-acting Fuse:** Usually integrated or required externally to protect the SCRs from short circuits. --- ## 3. Typical Wiring Configuration The device usually features a multi-terminal block for power and control signals: ```markdown Terminal Block Layout (Conceptual): 1. [ L1 ] - Main AC Input (Line) 2. [ T1 ] - Load Output (To Heater) 3. [ + ] - Control Input (e.g., 4-20mA positive) 4. [ - ] - Control Input (e.g., 4-20mA negative) 5. [ COM ]- Alarm/Status Contact ``` --- ## 4. Operational Advantages 1. **High Precision:** Unlike a standard mechanical relay, it provides infinite resolution for heat control. 2. **Longevity:** Since there are no moving parts, the electronic switching can last for millions of cycles. 3. **Soft Start:** Many R2/Q models include a "Soft Start" feature, which ramps up the voltage slowly to prevent high inrush currents in cold heating elements.
    ✨ Follow-up Questions
    • ⤷ What is the difference between Phase Angle control and Zero-Cross control in this unit?
    • ⤷ How do I troubleshoot an 'Over-current' alarm on the W2PE series?
    • ⤷ Does this model require an external cooling fan for its maximum rated current?