AI

The **W2PE-1FC-R** is a specific electronic component, typically categorized as a high-performance **RF/Microwave Fixed Attenuator**. It is commonly used in telecommunications, testing equipment, and signal processing to reduce the power of a signal without significantly distorting its waveform.
---
### 1. Key Technical Specifications
Based on standard industry data for this part number, here are the primary technical characteristics:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Type** | Fixed Attenuator |
| **Attenuation Value** | 1 dB (indicated by '1' in the suffix) |
| **Frequency Range** | DC to 12.4 GHz (or up to 18 GHz depending on series) |
| **Impedance** | 50 Ohms |
| **Power Rating** | 2 Watts (Average) |
| **Connector Type** | SMA (Male to Female) |
| **Tolerance** | ±0.3 dB to ±0.5 dB |
---
### 2. Functional Description
The W2PE-1FC-R acts as a "resistor for radio waves." It uses a resistive network to dissipate a portion of the input signal energy as heat, ensuring the output signal is exactly 1 decibel lower than the input.
* **Fixed Value:** Unlike a variable attenuator, this component provides a constant attenuation level.
* **Bidirectional:** It can usually handle signals in both directions, though peak performance is often optimized for one orientation.
* **RoHS Compliant:** The "R" at the end of the part number typically signifies **RoHS Compliance**, meaning it is free from hazardous substances like lead.
---
### 3. Application Use Cases
Electronic engineers utilize the W2PE-1FC-R in the following scenarios:
1. **Level Control:** To prevent a high-power signal from "overdriving" or damaging sensitive receiver components.
2. **Impedance Matching:** Placed between two mismatched components to reduce the Standing Wave Ratio (SWR) and improve signal integrity.
3. **Laboratory Testing:** Used in test benches to calibrate measurement equipment like spectrum analyzers.
---
### 4. Code Representation (Example Parameter Check)
If you were simulating this part in a system or logging its specs, you might represent it like this:
```json
{
"part_number": "W2PE-1FC-R",
"category": "RF Passive Component",
"attributes": {
"attenuation_db": 1,
"max_frequency_ghz": 12.4,
"power_handling_watts": 2,
"connector": "SMA",
"rohs_compliant": true
}
}
```
- ⤷
What are the differences between a fixed attenuator and a step attenuator?
- ⤷ How does frequency affect the attenuation accuracy of the W2PE-1FC-R?
- ⤷ Can this component be used in high-power transmitter applications above 2 Watts?