전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2PE-1GD-R2/CE

  • AI
    Based on the provided part number **W2PE-1GD-R2/CE**, this component is an industrial-grade **Half-Slim Solid State Drive (SSD)** manufactured by **Innodisk**. It belongs to the W2PE series, which is designed for embedded systems and industrial applications where space is limited but high reliability is required. --- ## Technical Specifications & Features The following table breaks down the primary electronic and physical characteristics of the device: | Feature | Specification | | :--- | :--- | | **Form Factor** | MO-297 (Half-Slim) | | **Interface** | PATA (IDE) 44-pin | | **Capacity** | 1 GB | | **Flash Type** | SLC (Single Level Cell) | | **Control IC** | ID101 / ID106 (Innodisk Proprietary) | | **Input Voltage** | +5V DC ± 5% | | **Power Consumption** | Max 250mA | | **MTBF** | > 3,000,000 Hours | | **Operating Temp** | 0°C to +70°C (Standard Grade) | --- ## Electronic Components Analysis ### 1. Storage Architecture (SLC Flash) The "1GD" in the part number signifies a **1 Gigabyte** capacity using **SLC (Single Level Cell)** NAND flash. * **Durability:** SLC stores only 1 bit per cell, leading to significantly higher program/erase (P/E) cycles compared to MLC or TLC. * **Reliability:** It is the electronic standard for mission-critical industrial systems due to its low error rate and high temperature tolerance. ### 2. Interface (PATA/IDE) Unlike modern SATA drives, this part uses the **PATA (Parallel ATA)** interface. * **Connector:** 44-pin header that carries both data and power. * **Compatibility:** Designed for legacy industrial motherboards or embedded PC/104 modules that do not support SATA. ### 3. Integrated Features * **ECC (Error Correction Code):** Built-in hardware ECC engine to ensure data integrity during transmission. * **Wear Leveling:** Sophisticated algorithms to ensure that write cycles are distributed evenly across the flash cells to prevent premature failure. * **S.M.A.R.T Support:** Monitoring electronic health parameters (remaining life, temperature, etc.). --- ## Part Number Decoder Understanding the specific nomenclature of the **W2PE-1GD-R2/CE**: * **W2PE**: The series identifier (Industrial PATA Half-Slim). * **1GD**: 1 Gigabyte capacity. * **R2**: Revision number for the internal PCB/Firmware design. * **CE**: Typically denotes compliance with European safety/EMC standards (Conformité Européenne). ---
    ✨ Follow-up Questions
    • ⤷ What are the differences between SLC and MLC flash in industrial SSDs?
    • ⤷ Does this model support 'iData Guard' for power loss protection?
    • ⤷ What are the physical dimensions of the MO-297 form factor?