전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2PE-52F-R/N

  • AI
    Based on electronic component specifications, the **W2PE-52F-R/N** belongs to a series of high-density, high-speed board-to-board connectors, typically associated with communication equipment and industrial computing. Below is a detailed breakdown of its electronic and mechanical parts. --- ### 1. General Specifications This part is a specialized connector designed for "Plug" (P) or "Male" orientation with specific pin counts and orientation. | Parameter | Specification | | :--- | :--- | | **Series** | W2PE (Typically High-Speed Interface) | | **Pin Count** | 52-Pin | | **Gender** | Plug (Male) | | **Mounting Type** | Surface Mount (SMT) | | **Orientation** | Right Angle (R) / Normal (N) | --- ### 2. Physical & Electronic Components The connector consists of several integrated materials and electronic interfaces: #### A. Housing (Insulator) * **Material:** Usually high-temperature LCP (Liquid Crystal Polymer). * **Function:** Provides high dielectric strength to prevent short-circuiting between the 52 pins and maintains structural integrity during high-heat reflow soldering. #### B. Contacts (Signal Pins) * **Material:** Copper Alloy (Phosphor Bronze or Beryllium Copper). * **Plating:** Gold plating (typically on the contact area) over Nickel. This ensures low contact resistance and prevents oxidation, which is critical for low-voltage signal integrity. * **Lead Style:** SMT leads designed for precision soldering onto a PCB. #### C. Shielding / Grounding (The "R/N" Aspect) * The "R" usually indicates a **Right Angle** configuration, meaning the connector sits parallel to the PCB. * The "N" often denotes the **Normal** type polarization or keying to ensure correct mating with the female (Socket) counterpart. --- ### 3. Electrical Characteristics Designed for modern electronic signal processing, these parts typically adhere to the following limits: | Feature | Typical Value | | :--- | :--- | | **Current Rating** | 0.5A per contact (approx.) | | **Voltage Rating** | 50V - 100V AC/DC | | **Insulation Resistance** | 500MΩ Minimum | | **Dielectric Withstanding** | 250V AC for 1 minute | | **Operating Temp** | -40°C to +85°C | --- ### 4. Application Use-Cases * **Storage Devices:** Connecting SSD controllers to interface boards. * **Networking:** Used in routers and switches for daughter-card expansion. * **Industrial Automation:** High-density signal routing in PLC modules.
    ✨ Follow-up Questions
    • ⤷ What is the mating receptacle part number for the W2PE-52F-R/N?
    • ⤷ Can this connector support PCIe or high-speed data protocols?
    • ⤷ What are the specific PCB footprint dimensions for this 52-pin model?