W2PE-54WD-R2
AI

## W2PE-54WD-R2: Electronic Component Overview
The **W2PE-54WD-R2** is a specialized electronic component, typically categorized as a **Board-to-Board (BTB) or Mezzanine Connector**. It is designed for high-density electronic assemblies where two Printed Circuit Boards (PCBs) need to be connected parallel to each other.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. General Specifications
| Feature | Details |
| :--- | :--- |
| **Component Type** | Board-to-Board (BTB) Connector / Header |
| **Number of Positions** | 54 Pins |
| **Mounting Type** | Surface Mount (SMT) |
| **Pitch** | Typically 0.5mm (Standard for this series) |
| **Gender** | Plug/Male (Commonly used as the "Header" side) |
---
### 2. Electrical Characteristics
These parameters define the safe operating limits for the connector within a circuit:
* **Current Rating:** Usually rated for **0.5A per contact**. Due to the high pin density, it is not designed for high-power transmission but rather for high-speed signal integrity.
* **Voltage Rating:** Typically **50V AC/DC**.
* **Contact Resistance:** Maximum of **50mΩ**. Low resistance ensures minimal signal loss across the interface.
* **Insulation Resistance:** Minimum of **100MΩ**, preventing leakage between adjacent pins.
* **Dielectric Withstanding Voltage:** Can usually withstand **250V AC** for one minute without breakdown.
---
### 3. Physical & Material Composition
The "R2" suffix often denotes specific packaging or revision standards (like Reel packaging for automated pick-and-place machines).
* **Housing:** High-temperature Thermoplastic (LCP - Liquid Crystal Polymer), capable of withstanding lead-free reflow soldering temperatures.
* **Contacts:** Copper Alloy with **Gold Plating**. Gold is used to prevent oxidation and ensure reliable electrical contact over many mating cycles.
* **Solder Tabs:** Often features metal "hold-downs" or "tabs" at the ends of the connector to provide mechanical strain relief to the Solder Joints.
---
### 4. Typical Applications
Because of its small footprint and 54-pin density, the W2PE-54WD-R2 is found in:
1. **Mobile Devices:** Connecting LCD screens or camera modules to the main logic board.
2. **Wearables:** Smartwatches and fitness trackers where space is at a premium.
3. **Industrial Modules:** Connecting System-on-Modules (SoM) to carrier boards.
4. **Automotive Electronics:** Infotainment systems and sensor arrays.
---
### 5. Mounting Layout (Footprint)
When designing a PCB for this part, engineers must account for:
* **SMD Pads:** Precision pads for the 54 signals.
* **Standoff Height:** The "Mated Height" (the gap between the two boards) is a critical mechanical dimension, usually ranging from 1.5mm to 4.0mm depending on the specific receptacle it pairs with.
- ⤷
What is the exact mated height for the W2PE-54WD-R2 when paired with its receptacle?
- ⤷ Are there specific reflow soldering temperature profiles recommended for this LCP housing?
- ⤷ Which manufacturer produces this specific part number?