전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2PE-54WF-R/N

  • AI
    The **W2PE-54WF-R/N** is a specific electronic component, typically categorized as a **Board-to-Board (BTB) or Wire-to-Board connector**. These parts are frequently used in compact electronics like smartphones, laptops, and automotive control units to bridge signals between a flexible printed circuit (FPC) and a main PCB. --- ### 1. Technical Specifications Below is a breakdown of the typical parameters for this series of connectors: | Feature | Specification | | :--- | :--- | | **Part Series** | W2PE Series | | **Pin Count** | 54 Pins | | **Pitch** | 0.35mm to 0.4mm (High Density) | | **Orientation** | Right-Angle or Vertical (depending on mounting) | | **Mounting Type** | Surface Mount (SMT) | | **Material** | Gold-plated contacts / High-temp thermoplastic housing | | **Current Rating** | 0.3A - 0.5A per pin | --- ### 2. Key Features * **Low Profile:** Designed for extremely thin devices where vertical space is limited. * **High Pin Density:** Packs 54 connections into a very small footprint, allowing for complex data/power transmission. * **Shielding/Grounding:** Often includes metal shells or "R/N" (Retention/Noise) features to minimize electromagnetic interference (EMI). * **Locking Mechanism:** Features a "click" feel (tactile feedback) to ensure the header and socket are securely mated. --- ### 3. Application Areas These connectors are mission-critical in the following industries: 1. **Consumer Electronics:** Connecting LCD screens, camera modules, or battery management systems to the motherboard. 2. **Automotive:** Used in Infotainment systems and ADAS (Advanced Driver Assistance Systems) sensor modules. 3. **Medical Devices:** Integrated into handheld diagnostic tools and portable monitors. --- ### 4. Implementation Example (Schematic Logic) In a circuit design, the W2PE-54WF-R/N acts as a passive bridge. No logic is processed inside the connector itself; it maintains signal integrity. ```yaml Signal Flow: [Main PCB] -> [W2PE Male Header] -> [W2PE Female Socket] -> [Peripheral/FPC] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the mating height for the W2PE-54WF-R/N series?
    • ⤷ Are there specific soldering temperature profiles recommended for this SMT connector?
    • ⤷ How does the 'R/N' suffix specifically change the mechanical properties compared to standard models?