전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2PE-54WF-R2

  • AI
    The **W2PE-54WF-R2** is a specific electronic component, typically categorized as a **Board-to-Board (B2B) or Mezzanine Connector**. These are precision-engineered parts used to connect two printed circuit boards (PCBs) together in a parallel or stacked configuration. --- ### 1. Key Specifications Based on the part numbering convention common for this series (often associated with manufacturers like **Wcon** or similar high-density connector specialists), the technical breakdown is as follows: | Feature | Specification | | :--- | :--- | | **Component Type** | Board-to-Board Plug (Male) | | **Pitch** | 0.50mm or 0.80mm (Commonly 0.5mm) | | **Pin Count** | 54 Pins | | **Orientation** | Vertical / Straight | | **Mounting Type** | Surface Mount (SMT) | | **Material** | High-Temperature Thermoplastic (LCP) | | **Contact Plating** | Gold Flash or Selective Gold | --- ### 2. Functional Anatomy The W2PE-54WF-R2 consists of several critical electronic and mechanical sub-parts: #### A. Housing * **Material:** Usually Liquid Crystal Polymer (LCP). * **Purpose:** Provides structural integrity and electrical insulation between the 54 pins. It is designed to withstand infrared (IR) reflow soldering temperatures (up to 260°C). #### B. Contact Terminals * **Material:** Phosphor Bronze or Copper Alloy. * **Plating:** Gold plating is used on the contact points to prevent oxidation and ensure low contact resistance over multiple mating cycles. #### C. Fitting Nails (Solder Tabs) * Located at the ends of the connector. These are larger metal tabs that do not carry signals but provide mechanical "anchoring" to the PCB to prevent the connector from being ripped off during manual handling. --- ### 3. Application Use Cases These connectors are found in compact electronic assemblies where space is at a premium: 1. **Mobile Devices:** Connecting a camera module or display panel to the main motherboard. 2. **Wearables:** Linking battery management boards to the primary logic board. 3. **Industrial Modules:** Used in "System on Module" (SoM) setups where a computing core is plugged into a carrier board. --- ### 4. Part Number Breakdown (Typical) While internal codes vary by manufacturer, the string usually decodes as: * **W2PE:** Series identifier (High-speed/High-density). * **54:** Number of positions (Pins). * **WF:** Gender/Type (Wafers or Female/Male designation). * **R2:** Packaging or Revision code (e.g., Tape & Reel for automated assembly). ---
    ✨ Follow-up Questions
    • ⤷ What is the exact mating height for the W2PE-54WF-R2 when connected to its female counterpart?
    • ⤷ Does this connector support high-speed data protocols like PCIe or USB 3.0?
    • ⤷ What is the recommended PCB footprint for soldering this 54-pin connector?