전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2PE-5AC-R2/Q

  • AI
    The **W2PE-5AC-R2/Q** is a high-performance, industrial-grade wireless networking module, typically based on the **Qualcomm Atheros (QCA)** chipset. This part is designed for integration into embedded systems, routers, and access points that require dual-band 802.11ac connectivity. --- ### 1. Core Technical Specifications The following table highlights the primary electronic and RF characteristics of the module: | Parameter | Specification | | :--- | :--- | | **Main Chipset** | Qualcomm Atheros QCA9880 / QCA9882 (Series) | | **Interface Type** | Mini PCI Express (mPCIe) | | **Standard** | IEEE 802.11a/b/g/n/ac | | **Frequency Band** | 2.4 GHz and 5 GHz (Dual Band) | | **MIMO Support** | 2x2 or 3x3 (Depends on specific sub-revision) | | **Throughput** | Up to 867 Mbps (2x2) or 1.3 Gbps (3x3) | | **Operating Voltage** | 3.3V DC ± 5% | | **Connectors** | 2x or 3x U.FL (IPEX) connectors | --- ### 2. Key Electronic Components The architecture of the W2PE-5AC-R2/Q consists of several critical electronic subsystems: #### A. Radio Frequency (RF) Front-End * **Power Amplifiers (PA):** Integrated components that boost the signal strength for long-range transmission. * **Low Noise Amplifiers (LNA):** Essential for improving the receiver's sensitivity, allowing the module to pick up weak signals from distant clients. * **RF Switches:** High-speed electronic switches that toggle the antenna between Transmit (TX) and Receive (RX) modes. #### B. Baseband and MAC Processor * **Digital Signal Processing (DSP):** Handles the complex modulation schemes like 256-QAM required for high-speed 802.11ac communication. * **Interface Logic:** Manages the communication between the wireless chipset and the host CPU via the Mini PCIe bus. #### C. Power Management Unit (PMU) * **Voltage Regulators:** On-board LDOs (Low Dropout Regulators) or DC-DC converters that step down the 3.3V input to the core voltages (often 1.1V or 1.2V) required by the silicon die. --- ### 3. Physical Layout and Form Factor The module follows the **Mini PCI Express Full-Card** standard. This ensures compatibility with industrial motherboards and single-board computers (SBCs). * **Heat Dissipation:** These modules often feature a metallic EMI shield that doubles as a heat spreader to manage thermal output during high data loads. * **Antenna Ports:** Uses miniature U.FL connectors, requiring pigtail cables to connect to external SMA antennas. --- ### 4. Implementation Example (Initialization) In a Linux-based environment (such as OpenWrt), the module is typically driven by the `ath10k` driver. ```bash # Check if the module is detected on the PCI bus lspci -nnk | grep -A 3 Network # Example output: # 01:00.0 Network controller [0280]: Qualcomm Atheros QCA988x 802.11ac Wireless Network Adapter [168c:003c] # Subsystem: Device [11ad:0001] # Kernel driver in use: ath10k_pci ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the power consumption limits for this module under full load?
    • ⤷ Does this specific 'R2/Q' revision support Wave 2 features like MU-MIMO?
    • ⤷ Which antenna gain is recommended for outdoor industrial use with this card?