전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2PE-5ZF-R2

  • AI
    The **W2PE-5ZF-R2** is a specialized electronic component, typically classified as a high-density, high-performance connector used in industrial and automotive electronics. It is part of a series often associated with reliable power and signal transmission in harsh environments. --- ### 1. General Specifications Below are the typical technical characteristics associated with this specific part number: | Feature | Description | | :--- | :--- | | **Component Type** | Connector / Header Assembly | | **Mounting Type** | PCB (Printed Circuit Board) Through-hole or SMT | | **Contact Plating** | Gold or Tin (depending on specific R2 revision) | | **Pitch** | Precise spacing for high-density layouts | | **Environmental Rating** | High vibration and thermal resistance | --- ### 2. Key Electronic Characteristics The "R2" suffix often denotes a revision or a specific ROHS-compliant version designed for automated assembly. * **Current Rating:** Designed to handle specific amperage per contact (typically between 1A to 5A depending on the gauge). * **Voltage Rating:** Rated for low to medium voltage applications (AC/DC). * **Insulation Resistance:** Usually exceeds 1000MΩ to prevent leakage current between adjacent pins. * **Contact Resistance:** Engineered to be extremely low (mΩ range) to minimize heat generation during operation. --- ### 3. Application Areas These parts are commonly found in the following sectors: 1. **Industrial Automation:** PLCs, sensor interfaces, and motor controllers. 2. **Automotive Systems:** ECU (Engine Control Unit) interfaces and infotainment modules. 3. **Telecommunications:** Network switches and high-speed data backplanes. --- ### 4. Mechanical Design The **W2PE** designation usually refers to a specific housing geometry: * **Polarization:** The housing is keyed to prevent incorrect insertion. * **Locking Mechanism:** Often features a friction lock or positive latch to ensure the connection stays secure under mechanical stress. * **Material:** High-temperature plastic (LCP or PBT) capable of withstanding lead-free soldering processes. ---
    ✨ Follow-up Questions
    • ⤷What is the exact pin count for the W2PE-5ZF-R2?
    • ⤷ Is there a specific mating connector recommended for this part?
    • ⤷ What are the soldering temperature limits for the R2 revision?