전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2PP-133N-R

  • AI
    The **W2PP-133N-R** is a specific electronic component, typically categorized as a high-performance **RF/Microwave Wilkinson Power Divider**. These parts are essential in wireless communication systems for splitting or combining signals while maintaining impedance matching and isolation. --- ### 1. Key Technical Specifications The following table outlines the general characteristics typically associated with the W2PP series power dividers: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Wilkinson Power Divider (2-Way) | | **Configuration** | Surface Mount Device (SMD) | | **Frequency Range** | Usually optimized for wideband or specific RF bands | | **Impedance** | 50 Ohms (Standard) | | **Insertion Loss** | Low (typically < 0.5 dB above 3dB split) | | **Isolation** | High (typically > 20 dB between output ports) | | **RoHS Status** | Compliant (-R suffix often denotes RoHS/Tape & Reel) | --- ### 2. Functional Electronic Parts The internal architecture of a W2PP-133N-R consists of several critical elements integrated into a single package: * **Quarter-Wave Transformers:** These are transmission lines used to match the impedance between the input port and the two output ports. * **Isolation Resistor:** A thin-film or thick-film resistor connected between the two output ports. This dissipates any reflected power and ensures that a signal entering Output 1 does not leak significantly into Output 2. * **Substrate Material:** Usually high-frequency ceramic or PTFE-based material to ensure low dielectric loss at microwave frequencies. * **Termination Pads:** Gold or Tin-plated pads designed for automated SMT (Surface Mount Technology) assembly. --- ### 3. Applications The W2PP-133N-R is used in environments where signal integrity is paramount: 1. **Antenna Arrays:** Splitting a local oscillator (LO) signal to multiple mixers or antennas. 2. **Phase Shifters:** Distributing signals in phased-array radar systems. 3. **Signal Combining:** Using the device in reverse to combine two low-power signals into a single output for power amplification. 4. **Test and Measurement:** Used inside RF test fixtures to distribute clock or data signals. --- ### 4. Implementation Example In a standard PCB layout, the component is integrated as follows: ```markdown Input Signal (50Ω) --> [ Port 1 ] | [ W2PP-133N-R ] / \ [ Port 2 ] [ Port 3 ] Output A (50Ω) Output B (50Ω) ```
    ✨ Follow-up Questions
    • ⤷ What is the specific frequency range for the 133N variant of this power divider?
    • ⤷ How does the isolation resistor in this part prevent signal interference?
    • ⤷ What are the soldering profile requirements for the W2PP series SMD components?