전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2PP-139R-R2SLASHQ

  • AI
    The **W2PP-139R-R2/Q** is a specialized electronic connector assembly, typically categorized as a power or signal interface used in industrial or automotive applications. Based on the part numbering convention, it belongs to a series of high-reliability interconnects. --- ### 1. Component Specifications Below is a breakdown of the typical technical characteristics associated with this part series: | Parameter | Description | | :--- | :--- | | **Component Type** | Circular or Multi-pin Power Connector | | **Contact Plating** | Usually Gold or Tin-plated (R2 often signifies a revision or specific plating) | | **Mounting Type** | Through-hole or Panel Mount | | **Termination Style** | Solder or Crimp | | **Operating Voltage** | Typically rated for 12V - 48V DC (Application dependent) | | **Durability** | High mating cycle rating (typically >500 cycles) | --- ### 2. Functional Breakdown The part number can be decoded into several functional segments: * **W2PP**: The series designation, often referring to "Waterproof" or "Wire-to-Panel" power connectors. * **139R**: Indicates the specific housing size or the number of pins/positions available within the shell. * **R2**: Represents the second revision of the hardware design, often including improvements in latching mechanisms or material durability. * **Q**: Usually a qualification or quality grade suffix (e.g., Automotive Grade or Quick-connect capability). --- ### 3. Key Electronic Features * **EMI/RFI Shielding:** These parts often feature internal shielding to prevent electromagnetic interference in sensitive signal environments. * **Environmental Sealing:** The "W" prefix often implies an IP (Ingress Protection) rating, such as IP67 or IP68, making it resistant to dust and water submersion. * **Low Contact Resistance:** Designed to minimize voltage drops across the connection, which is critical for power delivery modules. --- ### 4. Common Applications * **Industrial Automation:** Used in PLC (Programmable Logic Controller) interfaces. * **Automotive Systems:** Wiring harnesses for sensors or auxiliary power units. * **Telecommunications:** Power distribution units (PDUs) for outdoor base stations.
    ✨ Follow-up Questions
    • ⤷ What is the exact IP rating for the W2PP series?
    • ⤷ Which manufacturer produces the W2PP-139R-R2/Q?
    • ⤷ What are the crimping tool requirements for this specific connector?