전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2PP-222R-R

  • AI
    The **W2PP-222R-R** is a specific electronic component, typically categorized as a **DIP Switch** (Dual In-line Package). These components are manual electromechanical switches used to customize the behavior of electronic devices without needing to reprogram software. --- ## 1. Technical Specifications Below are the general characteristics associated with this series of switches: | Feature | Description | | :--- | :--- | | **Component Type** | Piano Type DIP Switch | | **Circuit Type** | SPST (Single Pole Single Throw) | | **Number of Positions** | 2 Positions | | **Actuator Style** | Side Actuated (Piano Style) | | **Mounting Type** | Through-Hole (THT) | | **Pitch** | 2.54mm (0.1 inch) | | **Contact Rating** | 25mA @ 24VDC (Switching); 100mA @ 50VDC (Non-switching) | --- ## 2. Key Internal Parts & Materials The reliability of the W2PP-222R-R depends on the quality of its internal construction: ### A. Housing (Base and Cover) Usually made of **High-Temperature Thermoplastic** (like UL94V-0 rated PBT or PPS). This ensures the part can withstand the heat during wave soldering processes without warping. ### B. Actuators The "Piano" style refers to the levers that sit on the side of the component. These are moved up or down to open or close the circuit. They are designed for easy access when the PCB is mounted vertically. ### C. Contacts * **Stationary/Movable Contacts:** Typically made of copper alloy with **Gold plating** over Nickel. * **Importance of Gold:** Gold is used to prevent oxidation, ensuring a low-resistance connection even after years of inactivity. ### D. Terminals The pins protruding from the bottom. These are usually tin-plated to ensure easy soldering to the Printed Circuit Board (PCB). --- ## 3. Application Use Cases Because it is a 2-position piano switch, it is commonly used for: 1. **Address Setting:** Setting a binary ID for devices on a network (e.g., RS-485 nodes). 2. **Configuration:** Switching between "Master" and "Slave" modes in peripheral devices. 3. **Security Codes:** Setting simple manual codes for garage door openers or remote controls. 4. **Hardware Toggle:** Enabling or disabling a specific onboard feature (like a Pull-up resistor). --- ## 4. Part Number Breakdown (Typical) While naming conventions vary by manufacturer (such as **Walsin** or similar suppliers), the code generally breaks down as follows: * **W2:** Series identifier. * **PP:** Piano Type (Side Actuated). * **222:** Often denotes 2 positions and specific physical dimensions. * **R-R:** Refers to packaging (e.g., Tube or Reel) and RoHS compliance.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a Piano-style and a Slide-style DIP switch?
    • ⤷ Can these switches be cleaned with standard PCB cleaning solvents?
    • ⤷ What are the soldering temperature limits for the W2PP series?