전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2PP-239N-R2SLASHCE

  • AI
    The **W2PP-239N-R2/CE** is a specialized industrial power connector, typically used in heavy-duty electronic applications, stage lighting (often associated with the Socapex standard), or industrial automation. It is designed to handle multiple circuits within a single rugged housing. --- ### Technical Specifications | Feature | Description | | :--- | :--- | | **Connector Type** | Circular Multi-pin Connector | | **Number of Pins** | 19-Pin Configuration (Standard for 6-circuit lighting) | | **Gender** | Male Plug / Inline Cable Mount | | **Compliance** | CE Certified (European Conformity) | | **Termination Style** | Solder or Crimp (model dependent) | | **Shell Material** | Aluminum Alloy with Black Anodized or Epoxy finish | --- ### Core Electronic Components & Construction #### 1. Contact Inserts The internal "heart" of the connector consists of a high-dielectric insulating material (often PPS or Neoprene). This ensures that even at high voltages, there is no "arcing" between the 19 pins. #### 2. Gold-Plated Contacts The pins are typically copper alloy with **gold plating**. This is critical for: * **Conductivity:** Reducing resistance to prevent heat buildup. * **Corrosion Resistance:** Essential for outdoor touring or damp industrial environments. #### 3. Grounding (Earthing) Ring The "R2" designation often refers to a specific revision or grounding contact layout. In these connectors, the shell is usually bonded to a specific ground pin to ensure user safety and EMI shielding. #### 4. Locking Mechanism It utilizes a **threaded coupling nut**. This provides a secure electronic connection that cannot be accidentally pulled apart, maintaining circuit integrity under vibration. --- ### Common Applications * **Stage Lighting:** Delivering 6 separate channels of 208V/240V power to lighting bars (Socapex compatible). * **Motion Control:** Connecting multi-axis motors in industrial robotics. * **Power Distribution:** Used in "break-out" boxes to split high-density power feeds into individual sockets. --- ### Safety and Maintenance * **IP Rating:** Generally rated at IP67 when mated, meaning it is dust-tight and protected against water immersion. * **CE Marking:** Indicates the part meets EU safety, health, and environmental protection requirements, specifically regarding low-voltage directives.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating per pin for this connector?
    • ⤷ Is this connector compatible with standard 19-pin Socapex cables?
    • ⤷ What are the recommended wire gauges for the W2PP-239N-R2/CE?