전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2PP-32YR-R2

  • AI
    The **W2PP-32YR-R2** is a specific industrial interface module, typically associated with the **W-Series** produced by manufacturers like **WECON** or similar industrial automation providers. It is designed to act as a high-density digital output expansion module for Programmable Logic Controllers (PLCs). --- ### 1. Key Technical Specifications The part number breakdown reveals specific hardware characteristics: | Feature | Specification | | :--- | :--- | | **I/O Type** | Digital Output (DO) | | **Number of Points** | 32 Channels | | **Output Type** | Relay Output | | **Isolation** | Optical/Galvanic Isolation | | **Connection Method** | High-density connector (often MIL-spec or terminal block) | | **Mounting** | DIN Rail Mounting | --- ### 2. Component Analysis #### A. Relay Outputs (YR) The "YR" designation indicates that the switching mechanism is a **Mechanical Relay**. * **Advantage:** Supports both AC and DC loads. * **Advantage:** High current capacity compared to transistor outputs. * **Limitation:** Slower switching speeds and a finite mechanical lifespan (cycles). #### B. High-Density Logic With 32 channels in a compact form factor, the internal PCB utilizes: * **Optocouplers:** To protect the internal CPU logic from surges on the field side. * **Driver ICs:** To amplify the low-power logic signal to drive the relay coils. * **LED Indicators:** Typically features 32 status LEDs for real-time monitoring of each output state. --- ### 3. Connection & Wiring Because 32 points are condensed into a small module, the **W2PP-32YR-R2** usually requires a specific wiring harness. ```yaml Wiring Configuration: - Common Ports: Usually grouped (e.g., 4 or 8 channels per Common). - Power Supply: Requires external 24V DC to power the internal relay coils. - Load Compatibility: - Resistive: ~2A per point - Inductive: Reduced rating (requires flyback diodes/snubbers) ``` --- ### 4. Comparison: Relay vs. Transistor | Feature | W2PP-32YR-R2 (Relay) | W2PP-32YT (Transistor) | | :--- | :--- | :--- | | **Load Type** | AC or DC | DC Only | | **Current** | Higher (~2A) | Lower (~0.5A) | | **Frequency** | Low (Hz) | High (kHz / PWM) | | **Durability** | Mechanical Wear | Electronic (Infinite) | ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching frequency for this relay module?
    • ⤷ Does the W2PP-32YR-R2 require an external 24VDC power supply for the relays?
    • ⤷ What is the specific connector type used for the 32-point interface?