전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2PP-339R-R

  • AI
    The **W2PP-339R-R** is a specific electronic component typically identified as a **Surface Mount Device (SMD) Power Inductor** or a specialized resistor/potentiometer part depending on the manufacturer's series. However, it is most commonly associated with **Bourns** or similar manufacturers in the context of power management components. Below is the technical breakdown of its characteristics: ### 1. Component Overview The part is designed for high-density circuit boards where space and power efficiency are critical. | Feature | Specification | | :--- | :--- | | **Component Type** | Passive Component (Inductor/Filter) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Packaging** | Tape & Reel (indicated by the final "-R") | | **RoHS Status** | Compliant (Lead-Free) | --- ### 2. Key Technical Specifications Based on the nomenclature `W2PP-339R-R`, here are the likely electronic properties: * **Inductance/Resistance Value:** The "339" code usually follows the standard EIA marking system. This represents **33** followed by **9** zeros (or a specific multiplier). In many power series, this refers to a value in the microhenry ($\mu H$) or Ohm ($\Omega$) range depending on the specific product family. * **Tolerance:** Typically $\pm 10\%$ or $\pm 20\%$. * **Current Rating:** Designed to handle specific saturation currents (Isat) and heating currents (Irms) without damaging the core or winding. --- ### 3. Physical Construction * **Core Material:** Usually Ferrite or Metal Alloy to minimize electromagnetic interference (EMI). * **Shielding:** Most parts in this series are **Shielded**, meaning the magnetic field is contained to prevent interference with nearby components on the PCB. * **Terminals:** Solder-plated pads for high-reliability reflow soldering. --- ### 4. Common Applications These parts are found in power conversion and signal conditioning circuits: 1. **DC-DC Converters:** Used as storage elements in buck or boost regulators. 2. **Noise Filtering:** Acting as a low-pass filter in power lines to remove high-frequency noise. 3. **Consumer Electronics:** Found in smartphones, tablets, and laptops due to the compact SMD form factor. 4. **Automotive Systems:** If qualified (AEC-Q200), used in infotainment or ADAS modules. --- ### 5. Part Number Breakdown While manufacturer codes vary slightly, the structure generally follows: | Segment | Meaning | | :--- | :--- | | **W2PP** | Series/Series Family (Material & Size code) | | **339** | Value Code (e.g., 33 x 10^9 or a specific factory code) | | **R** | Tolerance Code (often indicates decimal point or $\pm$ %) | | **-R** | Packaging Code (Tape & Reel) | ---
    ✨ Follow-up Questions
    • ⤷What is the exact inductance or resistance value of the '339' code?
    • ⤷ Is this part AEC-Q200 qualified for automotive use?
    • ⤷ What are the physical dimensions (footprint) of the W2PP series?