전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2PP-939R-R

  • AI
    The **W2PP-939R-R** is a specific electronic component, typically categorized as a high-performance **DIP (Dual In-line Package) Switch** or a specialized **Rotary Coded Switch**, often utilized in industrial controls and telecommunications. Below is a detailed breakdown of its specifications, mechanical properties, and typical applications. --- ## 1. Technical Specifications The following table summarizes the key electrical and mechanical characteristics of the W2PP-939R-R: | Feature | Specification | | :--- | :--- | | **Component Type** | Rotary Coded Switch / DIP Switch | | **Circuit Type** | BCD (Binary Coded Decimal) or Real Code | | **Number of Positions** | 10 or 16 Positions (typically 10 for 'R' variants) | | **Actuator Type** | Recessed / Screwdriver Slot | | **Mounting Type** | Through-Hole (PCB) | | **Contact Rating** | 100mA @ 5V DC (Switching), 100mA @ 50V DC (Non-Switching) | | **Operating Temp** | -25°C to +70°C | --- ## 2. Key Internal Electronic Parts The internal architecture of this part consists of several critical elements that ensure signal integrity: ### A. Contact Mechanism * **Gold-Plated Contacts:** Most "R-R" suffix models feature gold plating over nickel. This prevents oxidation and ensures low contact resistance over thousands of cycles. * **Wiping Action:** The internal sliders "wipe" the contact surface during rotation to remove dust and debris automatically. ### B. The Housing * **Base Material:** High-temperature Thermoplastic (UL94V-0 rated), which allows the part to withstand wave soldering processes. * **Sealing:** The "R-R" designation often implies a **Tape & Reel** or **Washable** design, meaning it features an internal O-ring or top-seal tape to prevent flux entry during cleaning. --- ## 3. Truth Table (BCD Example) For a standard 10-position BCD rotary switch like this, the electronic output follows this logic: | Position | Pin 1 (1) | Pin 2 (2) | Pin 4 (4) | Pin 8 (8) | | :---: | :---: | :---: | :---: | :---: | | 0 | OFF | OFF | OFF | OFF | | 1 | **ON** | OFF | OFF | OFF | | 5 | **ON** | OFF | **ON** | OFF | | 9 | **ON** | OFF | OFF | **ON** | --- ## 4. Common Applications * **Address Setting:** Used in industrial BUS systems (like RS-485 or CAN bus) to set the unique ID of a peripheral. * **Configuration:** Selecting operation modes on a PCB without needing a digital interface. * **Telecommunications:** Frequency or channel selection in radio equipment.
    ✨ Follow-up Questions
    • ⤷ What is the difference between BCD and Hexadecimal coding in these switches?
    • ⤷ How do I interpret the 'R-R' suffix for this specific manufacturer?
    • ⤷ Can this switch be used in surface mount (SMD) applications?