전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2PP-93YN-R2/CE

  • AI
    The **W2PP-93YN-R2/CE** is a specific technical model typically associated with **industrial high-frequency power supplies** or **induction heating components**, often manufactured by companies like **Ambrell** or **EASYHEAT**. Below is a breakdown of the electronic specifications and characteristics associated with this part. --- ### 1. General Specifications This part is usually categorized as a **Precision Power Supply** or an **Induction Heating Workhead component**. It is designed to handle high-current, high-frequency oscillations. | Feature | Specification | | :--- | :--- | | **Component Type** | High-frequency Power Supply / Workhead | | **Input Voltage** | Typically 180V - 250V AC (Model dependent) | | **Output Type** | High-frequency Induction Current | | **Cooling Method** | Water-cooled (indicated by the "W" prefix) | | **Compliance** | CE Certified | --- ### 2. Key Electronic Components The internal architecture of this unit relies on high-power semiconductors to facilitate energy transfer. * **Inverter Stage:** Utilizes **IGBTs (Insulated Gate Bipolar Transistors)** or **MOSFETs** to switch DC voltage into high-frequency AC. * **Resonant Capacitor Bank:** These units contain a series of high-voltage capacitors used to create a tank circuit with the external induction coil. * **Control PCB:** A logic board that monitors frequency tuning, phase-lock loops (PLL), and safety interlocks. * **Isolation Transformer:** Ensures that the high-frequency output is galvanically isolated from the mains input for operator safety. --- ### 3. Connection and Interface The "R2" designation often refers to a specific revision or remote interface capability. * **Water Ports:** Because these units generate significant heat, they feature internal copper plumbing for liquid cooling. * **I/O Port:** Usually a D-Sub connector for remote Start/Stop, Interlock status, and 0-10V or 4-20mA power control. * **RF Output:** High-current bus bars or coaxial connectors for attaching the induction heating coil. --- ### 4. Typical Applications These electronic parts are critical in environments requiring non-contact heating: 1. **Brazing & Soldering:** Precise localized heating of metal joints. 2. **Heat Treating:** Hardening of steel components. 3. **Catheter Tipping:** Used in medical manufacturing for shaping plastics around metal mandrels. 4. **Crystal Growth:** High-stability power for laboratory furnaces. --- ### 5. Safety and Maintenance (CE) The **CE** suffix indicates that the electronics comply with European safety, health, and environmental protection requirements, specifically: * **EMC Compatibility:** Shielding to prevent radio frequency interference (RFI) with other electronics. * **LVD (Low Voltage Directive):** Insulation standards for user protection.
    ✨ Follow-up Questions
    • ⤷ What are the specific water flow requirements for cooling this unit?
    • ⤷ Can this model be integrated into a PLC-controlled automated line?
    • ⤷ What is the maximum frequency range supported by the W2PP series?