전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2PV-C1A2-R

  • AI
    ## Overview of W2PV-C1A2-R The **W2PV-C1A2-R** is a specific part number belonging to the **W2PV series** of high-performance **Brushless DC (BLDC) Fan Motors**, typically manufactured by companies like **Sanyo Denki** (San Ace line) or similar industrial cooling solution providers. These components are designed for high-reliability thermal management in server, telecommunication, and industrial computing applications. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series, the electronic and mechanical characteristics are generally as follows: | Parameter | Specification (Typical) | | :--- | :--- | | **Motor Type** | Brushless DC (BLDC) | | **Input Voltage** | 12V DC (Standard for C1 prefix) | | **Current / Power** | High-density output (varies by specific revision) | | **Bearing Type** | Dual Ball Bearing (for long MTBF) | | **Control Interface** | PWM (Pulse Width Modulation) & Tachometer (Frequency Generator) | | **Speed Category** | Very High Speed (V-Series) | | **Rotation** | Counter-Clockwise (CCW) viewed from rotor | --- ### 2. Electronic Component Breakdown The internal PCB of the W2PV-C1A2-R contains several critical electronic sub-systems: #### A. The Drive IC (Commutation) Since this is a brushless motor, it lacks physical brushes. The electronic drive IC uses **Hall Effect Sensors** to detect the position of the permanent magnet rotor. It then switches the current to the stator windings in the correct sequence to maintain rotation. #### B. PWM Speed Control The "C1A2" designation often implies a 4-wire configuration: 1. **VCC (+):** Red wire (Power). 2. **GND (-):** Black wire (Ground). 3. **Tachometer (FG):** Yellow/White wire - Outputs a square wave proportional to speed. 4. **PWM Control:** Blue wire - Accepts a 25kHz signal to adjust RPM from 0% to 100%. #### C. Protection Circuitry * **Locked Rotor Protection:** Automatically cuts or reduces power if the fan is physically obstructed to prevent the coils from burning out. * **Reverse Polarity Protection:** Prevents damage if the positive and negative leads are accidentally swapped. * **Soft Start:** Gradually increases current during startup to reduce electronic stress on the power supply. --- ### 3. Physical & Material Properties * **Frame & Impeller:** Usually made of UL 94V-0 rated flame-retardant plastic or die-cast aluminum for heat dissipation. * **Termination:** Lead wires (usually 20-28 AWG) terminated with a standard 4-pin molecular connector or raw stripped wires depending on the suffix. --- ### 4. Typical Applications * **Server Racks:** High static pressure is required to push air through dense blade servers. * **Networking Gear:** Cooling high-speed ASICs in routers and switches. * **Power Supplies:** Used as an internal component for large industrial PSUs.
    ✨ Follow-up Questions
    • ⤷ What is the maximum static pressure rating for the W2PV-C1A2-R?
    • ⤷ How does the PWM frequency affect the motor's lifespan?
    • ⤷ What are the specific dimensions (mm) of this fan unit?