전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2PV-C1BA-R2

  • AI
    The **W2PV-C1BA-R2** is a specialized electronic component, typically categorized as a high-precision **pressure sensor** or a specific **rotary/position sensor** assembly depending on the industrial manufacturer (often associated with Omron or specialized pneumatic/electronic system providers). Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications This part is designed for industrial automation and precise feedback loops. | Feature | Specification | | :--- | :--- | | **Component Type** | Electronic Pressure/Position Sensor | | **Operating Voltage** | Typically 12V to 24V DC | | **Output Type** | Analog (Voltage or Current) or Digital NPN/PNP | | **Connection Method** | M12 Connector or Pre-wired Cable | | **Protection Rating** | IP65 / IP67 (Water and Dust resistant) | --- ### 2. Core Electronic Architecture The internal circuitry of the W2PV series usually consists of three primary stages: #### A. Sensing Element * **Transducer:** Uses a piezo-resistive or capacitive sensing element that converts physical force/pressure into a micro-voltage signal. * **Stability:** Features temperature compensation circuits to ensure the output remains stable even if the ambient heat fluctuates. #### B. Signal Conditioning * **Amplifier:** Since the raw signal from the sensor is very weak, an internal operational amplifier (Op-Amp) boosts the signal. * **ADC/DAC:** In modern "R2" revisions, the signal is often processed digitally to filter out electronic noise (EMI) before being converted back to a linear analog output. #### C. Output Stage * **Load Protection:** Includes short-circuit protection and reverse polarity protection to prevent damage if wired incorrectly. * **Switching Logic:** If used as a switch, it utilizes a transistor-based output (Open Collector) to interface with PLCs (Programmable Logic Controllers). --- ### 3. Pinout Configuration (Standard) *Most industrial sensors in this category follow a standard 4-pin color code:* 1. **Brown (BN):** Positive Power Supply (+V) 2. **Blue (BU):** Negative Power Supply (0V / Ground) 3. **Black (BK):** Control Output / Digital Signal 4. **White (WH):** Analog Output Signal (if applicable) --- ### 4. Key Application Use-Cases * **Pneumatic Monitoring:** Measuring air pressure in robotic arms. * **Vacuum Sensing:** Ensuring a component has been picked up by a suction cup. * **Precision Control:** Providing feedback to a PID controller to maintain constant pressure in a closed-loop system.
    ✨ Follow-up Questions
    • ⤷ What is the specific pressure range for the W2PV-C1BA-R2?
    • ⤷ How do I wire this sensor to an Arduino or PLC?
    • ⤷ What are the common failure modes for this electronic part?