์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ
ALLDATASHEET.CO.KR

X  

  • W2PV-C2S1A-R2

  • AI
    The **W2PV-C2S1A-R2** is a specialized electronic component, typically categorized as a **High-Power Industrial Power Supply** or a specific **Server/Networking Power Distribution unit**, often associated with brands like Delta Electronics or Supermicro in high-availability environments. --- ## ๐Ÿ› ๏ธ Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Component Type** | AC-DC Power Supply Module (Hot-Swappable) | | **Input Voltage Range** | 90V โ€“ 264V AC (Universal Input) | | **Output Power** | Typically 1200W - 1600W (depending on input voltage) | | **Efficiency Rating** | 80 PLUS Platinum or Titanium (94%+ efficiency) | | **Form Factor** | 1U Slim / Rackmount | | **Cooling** | Internal high-speed DC fan (airflow direction varies) | --- ## ๐Ÿ” Electronic Architecture The device is composed of several sophisticated electronic subsystems designed for stability and safety: ### 1. Input Stage (EMI & PFC) * **EMI Filter:** Blocks high-frequency noise from returning to the power grid. * **Active PFC (Power Factor Correction):** Uses an inductor and MOSFETs to ensure the current waveform matches the voltage waveform, maximizing power efficiency. ### 2. Primary Side (Switching) * Uses **Full-Bridge or LLC Resonant** topology to minimize switching losses. * High-voltage MOSFETs convert rectified DC into high-frequency AC for the transformer. ### 3. Secondary Side (Rectification) * **Synchronous Rectification:** Uses MOSFETs instead of diodes to convert low-voltage AC back to DC, significantly reducing heat and energy waste. * **DC-DC Converters:** Individual stages to generate +12V (main rail), +5Vsb, and +3.3V. ### 4. Communication & Monitoring * **PMBus Interface:** Allows the system motherboard to monitor real-time data such as temperature, fan speed, current draw, and voltage ripples. --- ## โš ๏ธ Integrated Protection Features | Protection Type | Description | | :--- | :--- | | **OVP** | Over Voltage Protection - Shuts down if output exceeds safe limits. | | **OCP** | Over Current Protection - Prevents damage from short circuits or excessive load. | | **OTP** | Over Temperature Protection - Internal thermal sensors trigger shutdown if cooling fails. | | **SCP** | Short Circuit Protection - Immediate cut-off in case of a direct short. | --- ## ๐Ÿ“‹ Typical Applications * **Enterprise Servers:** Used in dual-redundancy configurations (1+1). * **Networking Switches:** High-density data center hardware. * **Storage Arrays:** Powering large-scale NAS or SAN systems.
    โœจ Follow-up Questions
    • โคท What is the exact pinout for the gold finger connector on the W2PV series?
    • โคท How can I read the PMBus data from this power supply using an Arduino?
    • โคท What is the recommended airflow direction for the R2 revision?