전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2PV-C3S1A-R2SLASHUL

  • AI
    The part number **W2PV-C3S1A-R2/UL** refers to a high-performance **Industrial Ethernet Switch** or related networking component, typically manufactured by **Westermo** (specifically from the Viper series). These devices are designed for extreme environments, such as railway rolling stock (EN 50155) and mission-critical automation. --- ### 1. Technical Specifications The breakdown of the hardware capabilities for this series usually follows these parameters: | Component | Description | | :--- | :--- | | **Enclosure** | Ultra-rugged IP67-rated metal housing (dust/waterproof). | | **Port Configuration** | Typically 12-20 ports depending on the specific sub-model (M12 connectors). | | **Connectors** | Uses M12 D-coded or X-coded connectors to ensure vibration resistance. | | **Power Input** | Redundant power inputs (typically 24V to 110V DC ranges). | | **Mounting** | Direct wall mount or chassis mount for mobile applications. | --- ### 2. Key Electronic Features The "C3S1A" and "R2" designators in the nomenclature point to specific internal logic and hardware revisions: * **Layer 2/3 Switching:** Provides advanced routing and switching capabilities (VLANs, IGMP snooping, and static routing). * **Operating System:** Powered by **WeOS**, which handles complex networking tasks like FRNT (Fast Recovery Network Topology) for sub-20ms ring recovery. * **UL Certification:** The `/UL` suffix indicates the part is certified for North American safety standards (UL 60950-1 or UL 62368-1). * **Thermal Management:** Fanless design utilizing high-grade heatsinks to operate in temperatures from -40°C to +70°C. --- ### 3. Application Use Cases This specific part is engineered for scenarios where standard commercial switches would fail: 1. **Railway (Rolling Stock):** Used for passenger Wi-Fi, PIS (Passenger Information Systems), and train control networks. 2. **Mining & Heavy Industry:** Resists corrosive atmospheres and physical impact. 3. **Marine:** Built to withstand salt spray and constant vibration. --- ### 4. Typical Internal Components Inside the W2PV series, you will find: * **Processor:** Industrial-grade ARM or PowerPC-based CPU. * **Memory:** ECC (Error Correction Code) RAM to prevent bit-flips in high-EMI environments. * **Isolation:** High-voltage galvanic isolation on all ports to protect against power surges. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between M12 D-coded and X-coded connectors on this device?
    • ⤷ Does this model support Power over Ethernet (PoE)?
    • ⤷ How does WeOS manage network redundancy in railway applications?